Electronic Components Datasheet Search
  English  ▼

X  

STM8L152R6 Datasheet(PDF) 37 Page - STMicroelectronics

Part # STM8L152R6
Description  8-bit ultralow power MCU, up to 64 KB Flash 2 KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L152R6 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STM8L152R6 Datasheet HTML 33Page - STMicroelectronics STM8L152R6 Datasheet HTML 34Page - STMicroelectronics STM8L152R6 Datasheet HTML 35Page - STMicroelectronics STM8L152R6 Datasheet HTML 36Page - STMicroelectronics STM8L152R6 Datasheet HTML 37Page - STMicroelectronics STM8L152R6 Datasheet HTML 38Page - STMicroelectronics STM8L152R6 Datasheet HTML 39Page - STMicroelectronics STM8L152R6 Datasheet HTML 40Page - STMicroelectronics STM8L152R6 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 134 page
background image
DocID17943 Rev 6
37/134
STM8L15xx8, STM8L15xR6
Pin description
61
20 16
-
PG2/LCD_SEG30(3)/
USART3_CK
I/O FT(5) X
XX HS X
X Port G2
LCD segment 30/
USART 3 synchronous clock
21 17
-
PG3/LCD SEG 31 (3)/
[TIM3_ETR]
I/O FT(5) X
XX HS X
X Port G3 LCD segment 31/
[Timer 3 - trigger]
33
PH4/USART2_RX
I/O FT(5) X
XX HS X
X Port H4 USART2 receive
34
PH5/USART2_TX
I/O FT(5) X
XX HS X
X Port H5 USART2 transmit
35
PH6/USART2_CK/
TIM5_CH1
I/O FT(5) X
XX HS X
X Port H6
USART2 synchronous
clock/ Timer 5 - channel 1
36
PH7/TIM5_CH2
I/O FT(5) X
XX HS X
X Port H7 Timer 5 - channel 2
-9 VSS /VSSA /VREF-
S
I/O ground / Analog ground voltage /
ADC1 negative voltage reference
13 9
- VSSA /VREF-
S
Analog ground voltage /
ADC1 negative voltage reference
37 29
- VDD3
S
IOs supply voltage
38 30
- VSS3
S
IOs ground voltage
51
1
PA0(8)/[USART1_CK](2)/
SWIM/BEEP/IR_TIM (9)
I/O
X
X
XHS X
X Port A0
[USART1 synchronous
clock](2)/ SWIM input and
output / Beep output / Infra-
red Timer output
68 56 40 VSS2
IOs ground voltage
67 55 39 VDD2
IOs supply voltage
48
-
- VSS4
IOs ground voltage
47
-
- VDD4
IOs supply voltage
1. At power-up, the PA1/NRST pin is a reset input pin with pull-up. To be used as a general purpose pin (PA1), it can be
configured only as output push-pull, not as output open-drain nor as a general purpose input. Refer to Section Configuring
NRST/PA1 pin as general purpose output in the STM8L15xx and STM8L16xx reference manual (RM0031).
2. [ ] Alternate function remapping option (if the same alternate function is shown twice, it indicates an exclusive choice not a
duplication of the function).
3. Available on STM8L152xx devices only.
4. A pull-up is applied to PB0 and PB4 during the reset phase. These two pins are input floating after reset release.
Table 5. High density and medium+ density STM8L15x pin description (continued)
Pin
number
Pin name
Input
Output
Default alternate function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com