Electronic Components Datasheet Search
  English  ▼

X  

636 Datasheet(PDF) 1 Page - Mallory performance club

Part # 636
Description  4-Stage RPM Activated Switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

636 Datasheet(HTML) 1 Page - Mallory performance club

  636 Datasheet HTML 1Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CONNECTING THE 636
The RED wire is connected to a switched 12 volt ignition source. Normally, this would be
the wire that supplies power to your ignition system.
The BLACK wire should be connected to a good ground. The place where your ignition
system is grounded is preferred.
The GREEN wire is connected to the TACH terminal of your ignition system.
NOTE: This RPM switch will not trigger properly if connected to coil terminals.
It is designed for use with typical aftermarket ignition system tach outputs.
The stage activation wires require 12 volts to activate them if the MANUAL mode is
selected. This 12 volt signal normally comes from switches mounted on the shifter so
that as the shifter is moved through each position, a different switch is actuated. The
wires for each stage are listed below:
WHITE
Stage 1
YELLOW
Stage2
WHITE with GREEN stripe
Stage3
WHITE with BLACK stripe
Stage4
If the 636 RPM Switch is being used in the AUTOMATIC mode, you must supply 12
volts to the stage-1 wire to reset the unit at the starting line. This can be either a switch
mounted on the shifter OR a separate hand operated momentary-contact switch that is
pressed at the starting line. For example, you could use the roll control switch or trans
brake switch to provide this signal.
The PURPLE wires are the normally closed (NC) contacts. This contact set is normally
connected, and is disconnected when the RPM point is reached.
The ORANGE wires are the normally open (NO) contacts. This contact set is normally
disconnected, and is connected when the RPM point is reached.
OPERATING INSTRUCTIONS
®
4-Stage RPM Activated Switch
Part No. 636
HOW TO SET THE RPM SWITCH
The 636 RPM switch has 3 buttons and an LED display. By pressing the “MODE” button,
the display will cycle through the different RPM settings and the operation mode and
cylinder select mode. The “MODE” display shows which setting is being adjusted.
MODE 1 is RPM setting for stage 1
MODE 2 is RPM setting for stage 2
MODE 3 is RPM setting for stage 3
MODE 4 is RPM setting for stage 4
MODE 5 is the manual/automatic selection 1 = manual, 2 = automatic.
MODE 6 is cylinder select. You can select 3 to 12 cylinders (even-fire only)
The RPM range for the switch is 1000 to 16000 in 100 RPM increments. The display
shows hundreds of RPM (for example, 76 means 7600 RPM).
AUTOMATIC vs. MANUAL
The manual mode only changes the RPM switch when a 12 volt signal is connected to the
stage input. This means that no matter how you shift, the unit will always be in the proper
stage for a particular gear. The automatic mode will change to the next stage after you’ve
reached the shift point in the active stage. For example, if you’re in first gear and you reach
your 6800 RPM shift point. Your shift light goes on, and you shift into second. Once the
RPM drops below 6800 RPM, the 636 will automatically select stage two. This process
continuesuntilstage4isreached.Keepinmindthat,ifyouareusingthe636intheautomatic
mode,youwillcausetheunittolosetrackifyoushort-shiftbeforereachingtheRPMswitch
value.
MALLORY IS A DIVISION OF THE MR. GASKET PERFORMANCE GROUP
550 MALLORY WAY, CARSON CITY, NEVADA 89701
(775) 882-6600
FAX (775) 887-4326
www.mrgasket.com
FORM #1253
(REV. A) 11/99
Made in U.S.A.
Printed in U.S.A.
MODE
VALUE
P/N 636
®
MODE
UP
DOWN
1 – STAGE 1
2 – STAGE 2
3 – STAGE 3
4 – STAGE 4
5 – 1=MAN 2=AUTO
6 – CYLINDERS


Similar Part No. - 636

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
636 CTS-636 Datasheet
154Kb / 4P
CMOS/TTL CLOCK OSCILLATOR
logo
Oscilent Corporation
636 OSCILENT-636 Datasheet
141Kb / 2P
Low Frequencies
logo
List of Unclassifed Man...
636 ETC2-636 Datasheet
61Kb / 1P
Bright back lit LCD
logo
Adafruit Industries
636 ADAFRUIT-636 Datasheet
84Kb / 2P
USB Microscope - 5MP interpolated 220x magnification / 8 LEDs
5-5-17
logo
CTS Corporation
636 CTS-636 Datasheet
178Kb / 3P
HCMOS/TTL Clock Oscillator
Rev. I
More results

Similar Description - 636

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
628 MALLORY-628 Datasheet
125Kb / 12P
RPM ACTIVATED SWITCH
logo
Analog Devices
CN-0274 AD-CN-0274 Datasheet
261Kb / 6P
Ultralow Power, 3-Axis, Motion Activated Switch
REV. A
logo
Mallory performance clu...
646 MALLORY-646 Datasheet
198Kb / 8P
WINDOW RPM ACTIVATED SWITCH
PN8950 MALLORY-PN8950 Datasheet
390Kb / 4P
MSD RPM Activated Switch
PN8956 MALLORY-PN8956 Datasheet
220Kb / 4P
MSD RPM Activated Window Switch
PN8969 MALLORY-PN8969 Datasheet
354Kb / 4P
Digital RPM Activated Window Switch
logo
Motorola, Inc
MC2830 MOTOROLA-MC2830 Datasheet
31Kb / 1P
Voice Activated Switch
logo
Mallory performance clu...
8950 MALLORY-8950 Datasheet
390Kb / 4P
MSD RPM Activated Switch
8956 MALLORY-8956 Datasheet
220Kb / 4P
MSD RPM Activated Window Switch
8969 MALLORY-8969 Datasheet
354Kb / 4P
Digital RPM Activated Window Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com