Electronic Components Datasheet Search
  English  ▼

X  

W1900 Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # W1900
Description  Penta Band Right Angle Stubby Antenna
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

W1900 Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  W1900 Datasheet HTML 1Page - Pulse A Technitrol Company W1900 Datasheet HTML 2Page - Pulse A Technitrol Company W1900 Datasheet HTML 3Page - Pulse A Technitrol Company W1900 Datasheet HTML 4Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
W1900 / W1902 Datasheet version 1.0 Penta Band Right Angle Stubby Antenna. (02/10)
© 2010. All Rights Reserved.
Penta Band Right Angle
Stubby Antenna
Pulse Part Numbers: W1900 / W1902
Pulse Finland Oy
Takatie 6
90440
Kempele, Finland
Tel: +358 207 935 500
Fax: +358 207 935 501
www.pulseeng.com/antennas
18.41 mm ± 0.25
Test Unit and Antenna Mounting Position 1
Ground Plane Size: 70mm(L) x 50mm(W) x 1mm(T)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com