Electronic Components Datasheet Search
  English  ▼

X  

6867M Datasheet(PDF) 2 Page - Mallory performance club

Part # 6867M
Description  TROUBLESHOOTING GUIDE FOR CAPACITIVE DISCHARGE IGNITION SYSTEMS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

6867M Datasheet(HTML) 2 Page - Mallory performance club

  6867M Datasheet HTML 1Page - Mallory performance club 6867M Datasheet HTML 2Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FORM 1483M
09/03
Made in U.S.A.
Printed in U.S.A.
MALLORY IS A DIVISION OF THE MR. GASKET PERFORMANCE GROUP
10601 MEMPHIS AVE. #12, CLEVELAND, OH 44144
216.688.8300
FAX 216.688.8306
www.mrgasket.com
2
7. If both of these tests prove out, then the problem is
either in the distributor, crank trigger, or the wiring
is incorrect.
TESTING THE COIL
NOTE: This test should only be done on "stock type"
coils. DO NOT try this test with "CD Only" coils, such
as the Mallory 28880 or ACCEL 140019 and 140010.
This test is also helpful in testing the coil when used
with just a distributor and you are having a "No
Spark" to the plugs condition. When doing this test
you must disconnect the distributor from the coil (-)
terminal, taking it out of the loop and allowing the test
to be done properly.
1. Disconnect the wires coming from the CD box to
the coil (+ and -) terminals and connect the ignition
switch 12 volts wire to the coil (+) terminal of
the coil.
2. Connect a 24" piece of wire to the coil (-) of
the coil.
3. Pull the coil wire out of the distributor cap and get
it to where you can jump a spark to ground with it.
4. Turn the ignition to the "ON" position.
5. Rapidly tap the 24" wire to ground. This will fire the
coil. You should get a 1/4” to 3/8" spark out of the
high voltage coil wire to ground. If you do then the
coil and coil wire are good and working.
6. If no spark to ground, change out the coil wire and
do the test again. If still no spark, the coil is bad
and needs to be replaced.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com