Electronic Components Datasheet Search
  English  ▼

X  

8556701C Datasheet(PDF) 1 Page - Mallory performance club

Part # 8556701C
Description  GM STYLE HEI LARGE CAP DISTRIBUTORS FOR FORD AND AMC V8 ENGINES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

8556701C Datasheet(HTML) 1 Page - Mallory performance club

  8556701C Datasheet HTML 1Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GM STYLE HEI LARGE CAP DISTRIBUTORS
FOR FORD AND AMC V8 ENGINES
OLD DISTRIBUTOR REMOVAL
STEP 1
Disconnect all wire connections at the distributor. Locate
the spark plug wire on the original distributor cap that is
used to set engine timing. See service manual for this
location. Mark the distributor cap and distributor
housing at this spark plug wire position.
STEP 2
Turn the engine crankshaft in the direction of rotation
until the timing mark lines up with the top dead center
(TDC) mark on the timing tab. See service manual for
these locations.
STEP 3
Remove the distributor cap from the distributor. Do not
remove the spark plug wires at this time. Make sure the
rotor blade points to the mark on the distributor housing
(from Step 1). If it does not, repeat Step 2 until the timing
mark lines up (again) with the TDC mark on the timing tab.
NOTE: Once you are finished with Step 3, DO NOT turn
the crankshaft until the new distributor is installed.
STEP 4
Note the direction the rotor is pointing as well as the
location of the vacuum canister. Remove the distributor
hold down clamp and remove the distributor from
the engine.
NEW DISTRIBUTOR INSTALLATION
STEP 1
To insure you have sufficient clearance for the new, larger
diameter housing, place the new Mallory distributor into the
engine, watching for possible points of interference.
Position the vacuum chamber in a manner that allows the
hose to easily be accessed. You may have to do some
minor clearance work on accessory brackets, relocate line
or hoses, etc. It may help to remove the distributor cap
during this stage. After you have checked for clearance,
remove the distributor from the engine.
SPECIAL FEATURE
This distributor has been designed to allow for the cap to
be installed in 4 different positions to allow for ease of
installation and additional clearance.
STEP 2
Remove the cap from your Mallory distributor.
STEP 3
Lower the distributor housing into the engine positioning
the vacuum chamber in the same position as in step 1.
Select the terminal on the distributor cap that the rotor is
FORM 1511M 06/04
pointing at and designate that as number 1. This can be
any terminal in the cap. Mark the cap and them install it on
your Mallory distributor.
STEP 4
Install the distributor clamp and tighten it enough to put
some drag on the distributor flange, but still allow for some
rotation to adjust the timing.
STEP 5
Remove the number 1 spark plug wire from the old cap and
install it on your new cap on the terminal you designated as
number 1 cylinder location in Step 3. Continue to install
the balance of the wires, one at a time and in rotation until
all 8 wires have been transferred to the new cap.
NOTE: If the distributor you are replacing was equipped
with the older design female style towers on the distrib-
utor cap, you will need to install the proper boots and
terminals, using Mallory HEI Boot and Terminal Kit # 669
or install a new set of spark plug wires such as
Mallory’s Pro Sidewinder Series.
STEP 6
Connect the lead from the distributor housing into the
connector located on the distributor nearest the cap itself.
To power the distributor, run a 14 gauge automotive grade
wire (non-resistance type) from the ignition switch (12 volt
switched power) to the distributor cap terminal marked
“BAT +”. Use the supplied female spade connector on the
distributor end of the wire. If you choose to run a tachome-
ter that requires a coil - signal, you may connect that wire
to the open distributor cap terminal marked “Coil – “.
STARTING THE ENGINE
CAUTION: Be sure all tools, wires and miscellaneous
objects are clear of moving engine parts and extreme
heat before starting the engine.
STEP 1
Check and clean, or replace spark plugs. If replacing
spark plugs, use types recommended by the engine
manufacturer.
STEP 2
Connect timing light and start the engine. If the
engine fails to start, rotate the distributor clockwise or
counterclockwise until the engine starts. Do not exceed
more than ten degrees of distributor housing rotation in
either direction.
STEP 3
Set timing as recommended by the engine manufacturer,
then tighten the distributor hold down clamp.
INSTALLATION INSTRUCTIONS
www.mrgasket.com
1
MALLORY IS A DIVISION OF THE MR. GASKET PERFORMANCE GROUP
10601 MEMPHIS AVE. #12, CLEVELAND, OH 44144
216.688.8300
FAX 216.688.8306
FORM 1511M
06/04
Made in U.S.A.
Printed in U.S.A.


Similar Part No. - 8556701C

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
855677 TRIQUINT-855677 Datasheet
68Kb / 1P
70 MHz Bandpass Filter
855677 TRIQUINT-855677_15 Datasheet
70Kb / 1P
70 MHz Bandpass Filter 8 MHz Bandwidth
855678 TRIQUINT-855678 Datasheet
56Kb / 1P
150 MHz Bandpass Filter
855678 TRIQUINT-855678_15 Datasheet
60Kb / 1P
150 MHz Bandpass Filter 8 MHz Bandwidth
855679 TRIQUINT-855679 Datasheet
65Kb / 1P
80 MHz Bandpass Filter
More results

Similar Description - 8556701C

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
75SERIES MALLORY-75SERIES Datasheet
256Kb / 8P
BILLET HEI DISTRIBUTORS
8555101C MALLORY-8555101C Datasheet
64Kb / 1P
GM STYLE HEI LARGE CAP FOR FORD AND AMC V8 ENGINES
8555401C MALLORY-8555401C Datasheet
64Kb / 1P
GM STYLE HEI LARGE CAP DISTRIBUTORS
8560001C MALLORY-8560001C Datasheet
64Kb / 1P
GM STYLE HEI LARGE CAP DISTRIBUTORS FOR FORD AND AMC V8 ENGINES
PN5501 MALLORY-PN5501 Datasheet
292Kb / 2P
Street Fire GM HEI Cap/Rotor Kit
PN8225 MALLORY-PN8225 Datasheet
547Kb / 2P
MSD GM HEI Coil
PN8481 MALLORY-PN8481 Datasheet
1Mb / 4P
MSD Cap and Rotor for Early, Non-vented GM LT-1 Engines
PN84101 MALLORY-PN84101 Datasheet
119Kb / 2P
MSD GM HEI Rotor
PN8598 MALLORY-PN8598 Datasheet
345Kb / 8P
MSD Ford Billet Distributors
8225 MALLORY-8225 Datasheet
547Kb / 2P
MSD GM HEI Coil
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com