Electronic Components Datasheet Search
  English  ▼

X  

CQ89D Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CQ89D
Description  2.0 AMP TRIAC 400 THRU 800 VOLTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CQ89D Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CQ89D Datasheet HTML 1Page - Central Semiconductor Corp CQ89D Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Central
Central
Central
Central
Central
Semiconductor Corp.
Semiconductor Corp.
Semiconductor Corp.
Semiconductor Corp.
Semiconductor Corp.
TM
252
CQ89D
CQ89M
CQ89N
2.0 AMP TRIAC
400 THRU 800 VOLTS
SOT-89 CASE
MAXIMUM RATINGS (TC=25
oC)
SYMBOL
CQ89D
CQ89M
CQ89N
UNITS
Peak Repetitive Off-State Voltage
VDRM
400
600
800
V
RMS On-State Current (TC=80
oC)
IT(RMS)
2.0
A
Peak One Cycle Surge (10ms)
ITSM
10
A
Peak Gate Current
IGM
1.0
A
Average Gate Power Dissipation
PG(AV)
0.1
W
StorageTemperature
Tstg
-45 to +150
oC
Junction Temperature
TJ
-45 to +125
oC
Thermal Resistance
ΘJ-C
10
oC/W
ELECTRICAL CHARACTERISTICS (TC=25
oC unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IDRM
VD=Rated VDRM
5.00
µA
IDRM
VD=Rated VDRM, TC=125
oC
200
µA
IGT
VD=12V, QUAD I, II, III, IV
25
mA
IH
VD=12V
25
mA
VGT
VD=12V
2.00
V
VTM
IT=3.0A
1.75
V
dv/dt
VD=2
3
VDRM, TC=125
oC
100
V/
µs
SOT-89
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CQ89D
series types are epoxy molded silicon triacs
designed for full wave AC control applications
featuring gate triggering in all four (4)
quadrants.


Similar Part No. - CQ89D

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CQ89D CENTRAL-CQ89D Datasheet
78Kb / 2P
1.0 AMP TRIAC 400 THRU 800 VOLTS
CQ89DS CENTRAL-CQ89DS Datasheet
97Kb / 2P
2.0 AMP TRIAC 400 THRU 800 VOLTS
CQ89D CENTRAL-CQ89D_04 Datasheet
78Kb / 2P
1.0 AMP TRIAC 400 THRU 800 VOLTS
More results

Similar Description - CQ89D

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CQ89DS CENTRAL-CQ89DS Datasheet
97Kb / 2P
2.0 AMP TRIAC 400 THRU 800 VOLTS
CQ220-16 CENTRAL-CQ220-16 Datasheet
74Kb / 2P
16 AMP TRIAC 200 THRU 800 VOLTS
CQ223-2M CENTRAL-CQ223-2M Datasheet
73Kb / 2P
2.0 AMP TRIAC 600 THRU 800 VOLTS
CQ39BS CENTRAL-CQ39BS Datasheet
79Kb / 2P
TRIAC 4.0 AMP, 200 THRU 800 VOLTS
CQ48-25B CENTRAL-CQ48-25B Datasheet
113Kb / 2P
25 AMP TRIAC 200 THRU 800 VOLTS
CQ89-2M CENTRAL-CQ89-2M Datasheet
75Kb / 2P
2.0 AMP TRIAC 600 THRU 800 VOLTS
CQ92-2M CENTRAL-CQ92-2M Datasheet
74Kb / 2P
TRIAC 2.0 AMP, 600 THRU 800 VOLTS
CQ202-4B CENTRAL-CQ202-4B Datasheet
36Kb / 2P
4.0 AMP TRIAC 200 THRU 800 VOLTS
CQ202-4BS CENTRAL-CQ202-4BS Datasheet
36Kb / 2P
4.0 AMP TRIAC 200 THRU 800 VOLTS
CQ89D CENTRAL-CQ89D_04 Datasheet
78Kb / 2P
1.0 AMP TRIAC 400 THRU 800 VOLTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com