| Electronic Components Datasheet Search |
|
640621 Datasheet(PDF) 45 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
640621 Datasheet(HTML) 45 Page - Tyco Electronics |
|
45 / 84 page ![]() 45 Closed End Feed-Thru .840 [21.34] .126 [3.20] .100 [2.54] .045 [1.14] Sq. 9 1.560 1.408 -9 39.62 35.76 12 2.028 1.876 1- -2 51.51 47.65 15 2.496 2.344 1- -5 63.40 59.54 24 3.900 3.748 2- -4 99.06 95.20 No. of Dim. Prefix/ Circuits AB Suffix A Dim. .045 [1.14] Sq. .370 [9.4] .105 [2.67] .355 [9.02] .487 [12.37] Ref. 1.010 [25.65] B Dim. .156 [3.96] [ ] ± .010 ± 0.25 A Dim. .045 [1.14] Sq. .370 [9.4] .105 [2.67] .385 [9.78] .487 [12.37] Ref. 1.010 [25.65] B Dim. p .156 [3.96] [ ] ± .010 ± 0.25 Performance Data Voltage Rating — 600 VAC Current Rating — 7 amp max. Low-Level Resistance — 7 m max. initial Dielectric Withstanding Voltage — 1500 VAC/1 min. Insulation Resistance — 5000 M min. initial Operating Temperature — -55 C to 105 C Wire Size Part AWG mm2 Numbers 18 0.8-0.9 3-641425-1 20 0.5-0.6 3-641426-1 22 0.3-0.4 3-641427-1 24 0.2 3-641428-1 26 0.12-0.15 3-641429-1 Technical Documents Product Specification 108-1065 MTA-156 Posted Connector Application Specification 114-1020 MTA-156 Connectors, Posted Connectors and Card Edge Connectors Replacement IDC Contacts Material and Finish Contacts — Copper alloy, post tin plated over nickel Base Part Numbers Connector Type Closed End Connector1 Feed-Thru Connector1 & Wire Size Part Nos. RoHS Equiv. Part Nos. RoHS Equiv. Standard UL 94V-2, Tin Plated 18 AWG 641435 32, 33, 34, 36, 39, 42, 45, 54 641522 32, 33, 34, 36, 39, 42, 45, 54 0.8-0.9 mm2 20 AWG 641436 32, 33, 34, 36, 39, 42, 45, 54 641523 32, 33, 34, 36, 39, 42, 45, 54 0.5-0.6 mm2 22 AWG 641437 32, 33, 34, 36, 39, 42, 45, 54 641524 32, 33, 34, 36, 39, 42, 45, 54 0.3-0.4 mm2 24 AWG 641438 32, 33, 34, 36, 39, 42, 45, 54 641525 32, 33, 34, 36, 39, 42, 45, 54 0.2 mm2 26 AWG 641439 32, 33, 34, 36, 39, 42, 45, 54 641526 32, 33, 34, 36, 39, 42, 45, 54 0.12-0.15 mm2 Standard UL 94V-2, .000030 [0.00076] Gold Plated 18 AWG 644807 32, 33, 34, 36, 39, 42, 45, 54 644812 32, 33, 34, 36, 39, 42, 45, 54 0.8-0.9 mm2 20 AWG —2 ——2 — 0.5-0.6 mm2 22 AWG 644809 32, 33, 34, 36, 39, 42, 45, 54 644814 32, 33, 34, 36, 39, 42, 45, 54 0.3-0.4 mm2 24 AWG —2 ——2 — 0.2 mm2 26 AWG —2 ——2 — 0.12-0.15 mm2 Standard UL 94V-2, .000015 [0.00038] Gold Plated 18 AWG 647476 32, 33, 34, 36, 39, 42, 45, 54 647481 32, 33, 34, 36, 39, 42, 45, 54 0.8-0.9 mm2 22 AWG 643995 32, 33, 34, 36, 39, 42, 45, 54 647497 32, 33, 34, 36, 39, 42, 45, 54 0.3-0.4 mm2 1 MTA-156 Posted Connectors (Closed End and Feed-Thru) will Only mate with MTA-156 connectors with locking ramp and without polarizing tabs. They will NOT mate with MTA-156 Quad Connectors. 2 Parts can be made available upon request. Minimums may apply. No. of Dim. Circuits AB Suffix 2 .468 .316 -2 11.89 8.03 3 .624 .472 -3 15.85 11.99 4 .780 .628 -4 19.81 15.95 6 1.092 .940 -6 27.74 23.88 Material and Finish Housing — UL 94V-2 rated, nylon, see chart for color Contacts — Copper alloy, post tin or .000030 [.00076] gold plated over nickel Notes: 1. Mating half visuals - pages 36 thru 39. 2. Strain relief & dust covers - pages 40 & 41. 3. Approved wire listing - page 70. Connector Ordering Information The “Base Part Numbers” Chart at right shows the base part number and number of circuits available for the described connectors. Prefixes and suffixes are deter- mined by the number of circuit positions in the connector. For example, the complete part number for a 12-position closed end connector for 18 AWG wire would be: Base number 641435 plus prefix-and-suffix 4- — -2 The correct ordering number is 4-641435-2 See page 15 for an explanation of RoHS lead free equivalents. Note: All RoHS equivalent part num- bers may not be available upon cat- alog release. If the number you need is not available, please contact Product Engineering to expedite your request. Color Coding by Wire Size for UL 94V-2 Connectors 18 AWG —Orange 20 AWG — Yellow 22 AWG — Red 24 AWG — White 26 AWG — Blue MTA-156 IDC Posted Connectors (Wire-to-Wire)—Closed End, Feed-Thru MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors Catalog 82056 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 6-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 52-55-1106-0800 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 57-1-254-4444 UK: 44-208-420-8341 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |