Electronic Components Datasheet Search
  English  ▼

X  

641201 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 641201
Description  MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

641201 Datasheet(HTML) 4 Page - Tyco Electronics

  641201 Datasheet HTML 1Page - Tyco Electronics 641201 Datasheet HTML 2Page - Tyco Electronics 641201 Datasheet HTML 3Page - Tyco Electronics 641201 Datasheet HTML 4Page - Tyco Electronics 641201 Datasheet HTML 5Page - Tyco Electronics 641201 Datasheet HTML 6Page - Tyco Electronics 641201 Datasheet HTML 7Page - Tyco Electronics 641201 Datasheet HTML 8Page - Tyco Electronics 641201 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 84 page
background image
4
Product Facts
I
2–28 contact positions
I
Connectors terminate 26,
28 and 30 AWG discrete wire
or .050 [1.27] centerline rib-
bon cable
I
Color-coded housings
I
Maximum cable insulation
diameter of .039 [0.99] with
PVC insulation only
I
IDC contacts pre-loaded in
receptacle housing
I
30 V, 1 A contact rating
I
Contact design allows for
gold-to-gold or tin-to-tin
interface
I
Contacts are lubricated to
prevent fretting corrosion
I
Wire feed-thru capability for
daisy-chain wiring or closed
end for point-to-point wiring
I
Connectors are polarized for
proper mating
I
Manual and semiautomatic
application tooling
I
Mating heights shown below:
I
Component Recognized by
Underwriters Laboratories
Inc. to US and Canadian
Standards,
File No. E28476
(Connectors and Headers)
File No. E53793
(Ribbon Cable)
The MTA-50 IDC Connector
System is a wire-to-printed cir-
cuit board system with con-
tacts in a staggered, single
row on .050 [1.27] centerline.
The design features wire feed-
through capability for daisy-
chain applications. Insulation
displacement contacts are
used to terminate a wide
range of conductor sizes.
Ribbon cable can also be ter-
minated when the appropriate
receptacle assembly and
strain relief cover are used.
Header assemblies for board
mount applications include
right-angle (horizontal) and
vertical mount products.
These are available in
through-hole and surface
mount configurations.
Typical uses of the MTA-50
IDC connectors would be in
the Appliance, Commercial
and Home Equipment and
Security products industries.
See the following pages for
related products:
I
Ribbon Cable (reels), .050
[1.27] centerline (p. 71)
I
Application Tooling (p. 76)
I
Cable Assemblies (p. 74)
Performance Data
Voltage Rating — 30 VAC
Current Rating — 1 amp max.
Low-Level Resistance —
30 milliohms
Dielectric Withstanding Voltage —
500 VAC
Insulation Resistance —
1,000 megohms
Operating Temperature —
–55°C to +105°C for connector only;
cable rating may be lower
Technical Documents
Application Specification —
114-13072 MTA-50 Connectors
Product Specifications —
108-2113 MTA-50 Connectors
100-4703 MADISON CABLE Cable
Specification (28 AWG,
7/36 Tinned copper,
PVC insulation)
100-6257 MADISON CABLE Cable
Specification (28 AWG,
7/36 Tinned copper,
TPO insulation)
.503
[12.78]
or
.254
[6.45]
Max.
Vertical
Max.
Right-Angle
These matrixes have been
prepared to assist you in
defining the correct mating
halves for the MTA-50 header
and connector kit combina-
tion. Where a “Y” is indicated
the combination is a valid
mating pair.
Note: Tyco Electronics does NOT rec-
ommend intermating connectors and
headers with different contact plat-
ings.
1445343
YY Y Y
1445346
YY Y Y
1445349
YY Y Y
1445352
YY Y Y
1445355
YY Y Y
1445358
YY Y Y
1445361
YY Y Y
1445364
YY Y Y
1445367
YY Y Y
1445370
YY Y Y
1445373
YY Y Y
1445376
YY Y Y
Headers
Matrix for .000030 [0.00076]
Gold Plated Part Numbers
1445342 YY Y Y
1445345 Y YY Y
1445348 Y YY Y
1445351 Y YY Y
1445354 Y YY Y
1445357 Y YY Y
1445360 Y YY Y
1445363 Y YY Y
1445366 Y YY Y
1445369 Y YY Y
1445372 Y YY Y
1445375 Y YY Y
Matrix for .000015 [0.00038]
Gold Plated Part Numbers
Matrix for Tin Plated
Part Numbers
1445341 YY Y Y
1445344 YY Y Y
1445347 YY Y Y
1445350 YY Y Y
1445353 YY Y Y
1445356 YY Y Y
1445359 YY Y Y
1445362 YY Y Y
1445365 YY Y Y
1445368 YY Y Y
1445371 YY Y Y
1445374 YY Y Y
Headers
Headers
MTA-50 IDC Connector Kit / Header Mateability Guide
MTA-50 IDC Connectors and Headers
MTA, CST-100 II, SL-156 and
AMP Economy Power (EP) Connectors
Catalog 82056
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 57-1-254-4444
UK: 44-208-420-8341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com