Electronic Components Datasheet Search
  English  ▼

X  

644038 Datasheet(PDF) 49 Page - Tyco Electronics

Part # 644038
Description  MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

644038 Datasheet(HTML) 49 Page - Tyco Electronics

Back Button 644038 Datasheet HTML 45Page - Tyco Electronics 644038 Datasheet HTML 46Page - Tyco Electronics 644038 Datasheet HTML 47Page - Tyco Electronics 644038 Datasheet HTML 48Page - Tyco Electronics 644038 Datasheet HTML 49Page - Tyco Electronics 644038 Datasheet HTML 50Page - Tyco Electronics 644038 Datasheet HTML 51Page - Tyco Electronics 644038 Datasheet HTML 52Page - Tyco Electronics 644038 Datasheet HTML 53Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 84 page
background image
49
Material and Finish
Housing — UL94V-0 rated, polyester,
white
Posts — Copper alloy, tin plated,
.000030 [0.00076] or .000015
[0.00038] gold over nickel
Notes:
1. Post(s) can be omitted for keying pur-
poses. Specify the desired post(s) to
be omitted using the figure to identify
Post No. 1.
2. Gold headers are duplex plated, gold
on mating end of post and tin on the
solder tail.
3. .125 [3.18] solder tail lengths are for
.062 [1.57] thick printed circuit boards
and .175 [4.45] solder tail lengths are
for .093-.125 [2.36-3.18] thick printed
circuit boards.
4. To determine header overall length
(Dim. A), multiply .156 x the number of
posts. Example: .156 x 10 posts equals
1.560 inches [39.62 mm].
For mateability options, see
matrix on pages 34, 35, 54
and 58.
When using Front Bend
Headers — for mating half
visuals use connectors with a
locking ramp for polarization/
retention purposes. When using
Rear Bend Headers — for mating
half visuals use connectors with-
out a locking ramp. For polariza-
tion purposes only see pages
36 thru 39, 55, 60 and 62.
Header Ordering
Information
The “Base Part Numbers”
Chart at right shows the base
part number and number of
posts available for the
described headers.
Prefixes and suffixes are
determined by the number
of post positions in the header.
For example, the complete part
number for a 10-position header
with square posts, front bend,
and a .125 [3.18] solder tail
length would be:
Base number 641210 plus
prefix-and-suffix
4- — -0
The correct ordering number is
4-641210-0
The part numbers in bold
face are the RoHS equivalent
version. Example:
No. of
Standard
Lead Free
Pos.
Prefix/Suffix
RoHS
Prefix/Suffix
2
641210–2
3-641210–2
thru
24
2-641210-4
5-641210-4
See page 15 for an explanation of
RoHS lead free equivalents.
.125
[3.18]
.450
[11.43]
.212
[5.38]
.425
[10.8]
.156
[3.96]
Y
.045
[1.14]
Sq.
.180
[4.57]
A
.300
[7.62]
.078
[1.98]
Typ.
Typ.
.156
[3.96]
.080/.070
[2.03/1.78]
Edge of Board
Post No. 1
X
Solder tail
Length
(See Chart)
.425
[10.8]
.157
[3.99]
Y
Recommended Mounting Hole Pattern
for .062 [1.57] Thk. PC Board
Front Bend
X = .325 [8.26] Min., .400 [10.16]
Max., when mated with
MTA Connector.
X = .325 [8.26] Min., .345 [8.76]
Max., when mated with
SL-156 Connector.
Rear Bend
X = .500 [12.7] Min., .650 [16.51]
Max., when mated with
MTA Connector.
X = .500 [12.7] Min., when mated
with SL-156 Connector.
Y = .068 [1.73] Max. 2-8
position tin plated and
2–24 position gold
plated headers.
Y = .073 [1.85] 9-24 position
tin plated headers.
Note: Consult Product Drawing for details
on placing headers onto PC boards.
Note: All RoHS equivalent part num-
bers may not be available upon cat-
alog release. If the number you
need is not available, please contact
Product Engineering to expedite
your request.
Note:
Select load headers (omitted pin
headers) are available upon request.
Please contact product engineer or
product manager for details.
Base Part Numbers
Square Posts
Front Bend
Rear Bend
.125 [3.18]
.175 [4.45]
.125 [3.18]
.175 [4.45]
Solder tail
Solder tail
Solder tail
Solder tail
Header
RoHS
Header
RoHS
Header
RoHS
Header
RoHS
Part Nos.
Equiv.
Part Nos.
Equiv.
Part Nos.
Equiv.
Part Nos.
Equiv.
Standard UL94V-0, Tin Plated
640389
2–24
644754
2–24
640387
2–24
644755
2–24
Standard UL94V-0, .000030 [0.00076] Gold Plated
641210
32–54
644761
32–54
641207
32–54
644762
32–54
Standard UL94V-0, .000015 [0.00038] Gold Plated
641121
32–54
644768
32–54
641118
32–54
644769
32–54
MTA-156 Friction Lock Headers—Right-Angle
MTA, CST-100 II, SL-156 and
AMP Economy Power (EP) Connectors
Catalog 82056
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 57-1-254-4444
UK: 44-208-420-8341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com