Electronic Components Datasheet Search
  English  ▼

X  

644040 Datasheet(PDF) 21 Page - Tyco Electronics

Part # 644040
Description  MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

644040 Datasheet(HTML) 21 Page - Tyco Electronics

Back Button 644040 Datasheet HTML 17Page - Tyco Electronics 644040 Datasheet HTML 18Page - Tyco Electronics 644040 Datasheet HTML 19Page - Tyco Electronics 644040 Datasheet HTML 20Page - Tyco Electronics 644040 Datasheet HTML 21Page - Tyco Electronics 644040 Datasheet HTML 22Page - Tyco Electronics 644040 Datasheet HTML 23Page - Tyco Electronics 644040 Datasheet HTML 24Page - Tyco Electronics 644040 Datasheet HTML 25Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 84 page
background image
21
Material and Finish
Housing — UL94V-0 rated, polyester,
white
Posts — Copper alloy, tin plated,
.000030 [0.00076] or .000015
[0.00038] gold over nickel
Notes:
1. Post(s) can be omitted for keying
purposes. Specify the desired
post(s) to be omitted using the
figure to identify Post No. 1.
2. Gold headers are duplex plated,
gold on mating end of post and
tin on the solder tail.
3. To determine header overall
length (dim. A) multiply .100 x the
number of posts. Example: .100
x 10 posts equals 1.000 inch
[25.4 mm].
For mateability options, see
matrix on pages 12 and 13.
For mating half visuals, see
pages 14, 15 and 31.
Header Ordering
Information
The “Base Part Numbers”
Chart at right shows the base
part number.
Prefixes and suffixes are deter-
mined by the number of post
positions in the header. For
example, the complete part
number for a 10-position
header with straight posts
would be:
Base number 641211 plus
prefix-and-suffix
4- — -0
The correct ordering number is
4-641211-0
All part numbers are the RoHS
equivalent version. Example:
No. of
Lead Free
Pos.
RoHS
Prefix/Suffix
2
3-641211–2
thru
28
5-641211-8
See page 15 for an explanation of
RoHS lead free equivalents.
Note: All RoHS equivalent part num-
bers may not be available upon cat-
alog release. If the number you
need is not available, please contact
Product Engineering to expedite
your request.
Note:
Select load headers (omitted pin
headers) are available upon request.
Please contact product engineer or
product manager for details.
Straight Post (.025 [0.64] Square)
.200
[5.08]
A
.025
[0.64]
Sq.
.100
[2.54]
Typ.
.050
[1.27]
Typ.
Post No. 1
.295
[7.49]
.100
[2.54]
.140
[3.56]
Ref.
.535
[13.59]
.200
[5.08]
A
.100
[2.54]
.025
[0.64]
Sq.
.050
[1.27]
Typ.
.100
[2.54]
Typ.
.140
[3.56]
Ref.
.295
[7.49]
.062
[1.57]
Post No. 1
Recommended Mounting Hole Pattern for
.062 [1.57] Thk. PC Board
Recommended Mounting Hole Pattern for
.062 [1.57] Thk. PC Board
X = .120 [3.05] min., .240 [6.1] max.
when mated with MTA-100 Connector.
X = .120 [3.05] min., when mated with
CST-100 II Connector.
Right-Angle Post (.025 [0.64] Square)
Base Part Numbers
Straight Posts
Right-Angle Posts
Header
No. of Posts/
Header
No. of Posts/
Part Nos.
RoHS Equiv.
Part Nos.
RoHS Equiv.
Standard UL94V-0, Tin Plated
640452
2–28
640453
2–28
Standard UL94V-0, .000030 [0.00076] Gold Plated
641211
2–28
641212
2–28
32–58
32–58
Standard UL94V-0, .000015 [0.00038] Gold Plated
641122
2–28
641123
2–28
32–58
32–58
.100
[2.54]
Typ.
.050/.040
[1.27/1.02]
Edge of Board
.120
[3.05]
Min.
Dia.
.100
[2.54]
Typ.
.050/.040
[1.27/1.02]
Edge of Board
X
Dia.
Note: Consult Product Drawing for details
on placing headers onto PC boards.
MTA-100 Flat Headers—Straight and Right-Angle
MTA, CST-100 II, SL-156 and
AMP Economy Power (EP) Connectors
Catalog 82056
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 57-1-254-4444
UK: 44-208-420-8341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com