Electronic Components Datasheet Search
  English  ▼

X  

1744020 Datasheet(PDF) 39 Page - Tyco Electronics

Part # 1744020
Description  MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1744020 Datasheet(HTML) 39 Page - Tyco Electronics

Back Button 1744020 Datasheet HTML 35Page - Tyco Electronics 1744020 Datasheet HTML 36Page - Tyco Electronics 1744020 Datasheet HTML 37Page - Tyco Electronics 1744020 Datasheet HTML 38Page - Tyco Electronics 1744020 Datasheet HTML 39Page - Tyco Electronics 1744020 Datasheet HTML 40Page - Tyco Electronics 1744020 Datasheet HTML 41Page - Tyco Electronics 1744020 Datasheet HTML 42Page - Tyco Electronics 1744020 Datasheet HTML 43Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 84 page
background image
39
Connector Ordering
Information
The “Base Part Numbers”
Chart at right shows the
base part number and num-
ber of circuits available for
the described connectors.
Prefixes and suffixes are
determined by the number
of circuit positions in the
connector. For example, the
complete part number for a
10-position feed-thru con-
nector with locking ramp
and without polarizing tabs
for 18 AWG wire would be:
Base number 640599 plus
prefix-and-suffix
4- — -0
The correct ordering number
is
4-640599-0
The part numbers in bold
face are the RoHS equiva-
lent version. Example:
No. of
Lead Free
Pos.
RoHS
Prefix/Suffix
2
3-640599-2
3
3-640599-3
4
3-640599-4
5
3-640599-5
6
3-640599-6
7
3-640599-7
8
3-640599-8
9
3-640599-9
10
4-640599-0
11
4-640599-1
12
4-640599-2
13
4-640599-3
14
4-640599-4
15
4-640599-5
16
4-640599-6
17
4-640599-7
18
4-640599-8
19
4-640599-9
20
5-640599-0
21
5-640599-1
22
5-640599-2
23
5-640599-3
24
5-640599-4
Note: All RoHS equivalent part num-
bers may not be available upon cat-
alog release. If the number you
need is not available, please contact
Product Engineering to expedite
your request.
Base Part Numbers
Feed-Thru with Locking Ramp
Feed-Thru without Locking Ramp
Without Tabs
With Tabs
Without Tabs
With Tabs
Connector Type
Connector
Connector
Connector
Connector
& Wire Size
Part
RoHS
Part
RoHS
Part
RoHS
Part
RoHS
Nos.
Equiv.
Nos.
Equiv.
Nos.
Equiv.
Nos.
Equiv.
Standard UL94V-2, Tin Plated
18 AWG
640599
32–54
644465
1
32–44
640604
32–54
644469
1
32–44
0.8–0.9 mm2
20 AWG
640600
32–54
644466
1
32–44
640605
32–54
644470
1
32–44
0.5–0.6 mm2
22 AWG
640601
32–54
644467
1
32–44
640606
32–54
644471
1
32–44
0.3–0.4 mm2
24 AWG
640602
32–54
644468
1
32–44
640607
32–54
644472
1
32–44
0.2 mm2
26 AWG
640595
32–54
——
640608
32–54
——
0.12–0.15 mm2
Tape Mounted on Reel UL94V-2, Tin Plated
18 AWG
641302
32–54
——
641306
32–54
——
0.8–0.9 mm2
20 AWG
641303
32–54
——
641307
32–54
——
0.5–0.6 mm2
22 AWG
641304
32–54
——
641308
32–54
——
0.3–0.4 mm2
24 AWG
641305
32–54
——
641309
32–54
——
0.2 mm2
26 AWG
641301
32–54
——
641310
32–54
——
0.12–0.15 mm2
Standard UL94V-2, .00003 [.00076] Gold Plated
18 AWG
641227
32–54
644718
1
32–44
641232
32–54
——
0.8–0.9 mm2
20 AWG
641228
32–54
——
641233
32–54
——
0.5–0.6 mm2
22 AWG
641229
32–54
644720
1
32–44
641234
32–54
——
0.3–0.4 mm2
24 AWG
641230
32–54
——
641235
32–54
——
0.2 mm2
26 AWG
641231
32–54
——
641236
32–54
——
0.12–0.15 mm2
Standard UL94V-2, .000015 [.00038] Gold Plated
18 AWG
641168
32–54
647479
1
32–42
641173
32–54
——
0.8–0.9 mm2
20 AWG
641169
32–54
——
641174
32–54
——
0.5–0.6 mm2
22 AWG
641170
32–54
647496
1
32–42
641175
32–54
——
0.3–0.4 mm2
24 AWG
641171
32–54
——
641176
32–54
——
0.2 mm2
26 AWG
641172
32–54
——
641177
32–54
——
0.12–0.15 mm2
Standard UL94V-0, Tin Plated
18 AWG
————
644567
1
32–42
644570
1
32–42
0.8–0.9 mm2
22 AWG
————
644569
1
32–42
644572
1
32–42
0.3–0.4 mm2
1
Other circuit sizes are available upon request. Minimums may apply.
Note: Blocked circuit configurations are available upon request. Contact product engineer or product manager for
details. Minimums may apply.
MTA-156 IDC Connectors—Feed-Thru (Continued)
MTA, CST-100 II, SL-156 and
AMP Economy Power (EP) Connectors
Catalog 82056
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 57-1-254-4444
UK: 44-208-420-8341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com