Electronic Components Datasheet Search
  English  ▼

X  

30-9532 Datasheet(PDF) 1 Page - Emerson Network Power

Part # 30-9532
Description  Computer Cables Adapters Cables
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

30-9532 Datasheet(HTML) 1 Page - Emerson Network Power

  30-9532 Datasheet HTML 1Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Connectivity Solutions
32
Connectivity Solutions
Tel: 1-800-327-8663 • Fax: 1-800-282-3952 • www.EmersonNetworkPower.com/connectivity
Computer Cables & Adapters Cables
(M) = Male Plug (F) = Female Socket
Serial Modem Cables
External Serial Modem Cable
Part No.
Length
Conn. 1
Conn. 2
30-9506-29
6 feet
DB25 (M) DB9 (F)
30-9510-29
10 feet
DB25 (M) DB9 (F)
AC Power Cables
Three Conductor Electrical Equipment Cords
Use with Computer Monitors, Printers,
Peripheral Devices
& other Electronic Equipment,
7 Amp 125 V, 18 AWG.
Part No.
Length
65-3006
6 feet
65-3010
10 feet
65-3015
15 feet
High Density D-Sub (SVGA)
Mini Gender Changers & Port Saver
Part No. Pins Gender
30-9537 15
F to F
30-9538 15
F to M
D-Sub Gender Changers & Adapters
D-Sub Mini Gender Changers
Part No. Pins Gender
30-9530 9
F to F
30-9531 9
M to M
30-9532 15
F to F
30-9533 15
M to M
30-9534 25
F to F
30-9535 25
M to M
Gender Adapter
DB9 (F) to DB25 (M)
Part No.
30-9516
Gender Adapter
DB9 (M) to DB25 (F)
Part No.
30-9520
Null Modem Adapter
DB25 (M) to DB25 (F)
Part No.
30-9521
Panasonic Replacement AC Power Cords, 6 ft.
Part No.
Style
65-403P
Wide


Similar Part No. - 30-9532

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
30-9514 ETC2-30-9514 Datasheet
269Kb / 1P
TELEPHONE CORD
More results

Similar Description - 30-9532

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
E1341-01 HAMAMATSU-E1341-01 Datasheet
144Kb / 1P
Housings, Power and Signal Cables, Connector Adapters
logo
List of Unclassifed Man...
DRRJ45T8 ETC2-DRRJ45T8 Datasheet
462Kb / 2P
RJ ADAPTERS CABLES
logo
Hammond Manufacturing L...
VCT HAMMOND-VCT Datasheet
59Kb / 1P
Chemin de cables pour cables verticaux
logo
SICK AG
DOL-0803-G02MCS01 SICK-DOL-0803-G02MCS01 Datasheet
274Kb / 4P
Connecting cables
DSL-1204-G1M5 SICK-DSL-1204-G1M5 Datasheet
238Kb / 4P
Connection cables
DSL-8204-G20M SICK-DSL-8204-G20M Datasheet
239Kb / 4P
Connection cables
logo
Ultralife Corporation.
CAXXXX ULTRALIFE-CAXXXX Datasheet
475Kb / 3P
Cables
26 MAY 21 Rev: R
logo
Balluff Korea Ltd.
BCC0AC9 BALLUFF-BCC0AC9 Datasheet
90Kb / 2P
Bulk Cables
0.5_2022-07-16
BCC0AEL BALLUFF-BCC0AEL Datasheet
104Kb / 2P
Bulk Cables
0.46_2022-07-16
BCC0C16 BALLUFF-BCC0C16 Datasheet
89Kb / 2P
Bulk Cables
0.49_2022-07-16
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com