Electronic Components Datasheet Search
  English  ▼

X  

54720 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 54720
Description  C-Tap Connectors for Copper Conductor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

54720 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  54720 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
C-Tap Connectors for Copper Conductor
Compression
Typical Cable Combinations
BRANCH
#12 SOL.
#10 SOL.
#8 SOL.
#6 SOL.
MAIN
OR STR.
OR STR.
OR STR.
OR STR.
#4 STR.
#2 STR.
#1 STR.
1/0 STR.
#10 Sol. or Str.
54705
54710
54715
54715
54720
54730
54735
54740
#8 Sol. or Str.
54710
54715
54715
54720
54720
54730
54735
54740
#6 Sol. or Str.
54715
54715
54720
54720
54725
54730
54735
54740
#4 Str.
54720
54720
54720
54725
54730
54735
54740
54740
#2 Str.
54730
54730
54730
54730
54735
54740
54745
54745
#1 Str.
54735
54735
54735
54735
54740
54745
54745
54750
1/0 Str.
54740
54740
54740
54740
5i740
54745
54750
54750
2/0 Str.
54745
54745
54745
54745
54745
54750
54750
3/0 Str.
54750
54750
54750
54750
54750
54750
Tooling: pp. B76–B92
Die Selector Chart: pp. B93–B95
E
H
L
FIG.
DIMENSIONS (IN.)
COLOR
Cat. No.
NO.
L
H
E
KEY
54705
1
5
⁄16
5
⁄16
7
⁄64
RED
54710
1
9
⁄16
7
⁄16
9
⁄64
BLUE
54715
1
9
⁄16
5
⁄8
11
⁄64
GRAY
54720
215⁄32
11
⁄16
7
⁄32
BROWN
54725
215⁄32
13
⁄16
1
⁄4
GREEN
54730
215⁄32
27
⁄32
9
⁄32
PINK
54735
3111⁄16
7
⁄8
21
⁄64
BLACK
54740
3111⁄16
31
⁄32
23
⁄64
ORANGE
54745
3111⁄16
11⁄16
13
⁄32
PURPLE
54750
3111⁄16
13⁄16
15
⁄32
YELLOW
UL approved for direct burial.
For covers see page B48.
Taps can be supplied tin-plated. Add suffix ”TP” to any catalog number (i.e., 54725TP).
“E” represents gap in side
E
H
L
L
E
H
Figure 1
Figure 2
Figure 3
Material: High-Conductivity Wrought Copper
Finish: Plain
• Ideal for pigtailing, 2-way splicing or tapping
to an unbroken continuous main
• Heavy reinforcing ribs help locate compression
dies and strengthen compressed joint
Positive, all-around compression with low resistance
and high pull-out values.
C-Taps for 600V Applications
B-43
United States
Tel: 901.252.8000
800.816.7809
Fax: 901.252.1354
Canada
Tel: 450.347.5318
Fax: 450.347.1976
Technical Services
Tel: 888.862.3289
www.tnb.com
tnb06_wrtrm_secb_p42_43
8/9/07
10:44 AM
Page B-43


Similar Part No. - 54720

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
54720 ETC2-54720 Datasheet
269Kb / 1P
C-Taps for 600V Applications
logo
Festo Corporation.
547200 FESTO-547200 Datasheet
95Kb / 2P
Air solenoid valve
547201 FESTO-547201 Datasheet
99Kb / 2P
Air solenoid valve
547202 FESTO-547202 Datasheet
101Kb / 2P
Air solenoid valve
547203 FESTO-547203 Datasheet
105Kb / 2P
Air solenoid valve
More results

Similar Description - 54720

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
54148 ETC2-54148 Datasheet
235Kb / 1P
Connectors for Copper Conductor
logo
Hubbell Incorporated.
BIBD43RK HUBBELL-BIBD43RK Datasheet
262Kb / 2P
Clear Insulated Multiple Tap Connector,Copper Conductor Stranded - Size Range:14 AWG-4 AWG.
logo
PHOENIX CONTACT
1582393 PHOENIX-1582393 Datasheet
80Kb / 5P
Conductor connectors - QPD C 4X2,5/2X6-10 GY
1582400 PHOENIX-1582400 Datasheet
80Kb / 5P
Conductor connectors - QPD C 4X2,5/2X9-14 GY
1582421 PHOENIX-1582421 Datasheet
88Kb / 6P
Conductor connectors - QPD C 4X2,5/1X9-14 GY
1403838 PHOENIX-1403838 Datasheet
278Kb / 6P
Conductor connectors - QPD C 4PE2,5 2X6-11 BK
1582220 PHOENIX-1582220 Datasheet
89Kb / 6P
Conductor connectors - QPD C 3PE2,5 1X6-10 BK
1582223 PHOENIX-1582223 Datasheet
89Kb / 6P
Conductor connectors - QPD C 3PE2,5 1X9-14 BK
logo
PANDUIT CORP.
RGCBNJ660P22 PANDUIT-RGCBNJ660P22 Datasheet
129Kb / 1P
REVISED PICTURE FOR COPPER H-TAP HTCT2-2-1
01
logo
PHOENIX CONTACT
1414739 PHOENIX-1414739 Datasheet
275Kb / 6P
Conductor connectors - QPD C 4PE1,5 1X5-10 BK
01/21/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com