Electronic Components Datasheet Search
  English  ▼

X  

SMA6010 Datasheet(PDF) 2 Page - Sanken electric

Part # SMA6010
Description  PNP NPN Darlington 3-phase motor drive
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SMA6010 Datasheet(HTML) 2 Page - Sanken electric

  SMA6010 Datasheet HTML 1Page - Sanken electric SMA6010 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
145
NPN
PNP
NPN
PNP
NPN
PNP
VCE(sat)-IB Characteristics (Typical)
VCE(sat)-IC Temperature Characteristics (Typical)
Safe Operating Area (SOA)
Characteristic curves
SMA6010
(Ta=25
°C)
NPN
PNP
Symbol
Specification
Unit
Conditions
Specification
Unit
Conditions
min
typ
max
min
typ
max
ICBO
10
µAVCB=60V
–10
µAVCB=–60V
IEBO
10
mA
VEB=6V
–10
mA
VEB=–6V
VCEO
60
V
IC=10mA
–60
V
IC=–20mA
hFE
2000
5000
12000
VCE=4V, IC=3A
2000
5000
12000
VCE=–4V, IC=–3A
VCE(sat)
1.5
V
–1.5
V
VBE(sat)
2.0
V
–2.0
V
VFEC
1.8
V
IFEC=1A
–1.8
V
IFEC=–1A
ton
1.0
µsVCC 30V,
0.4
µsVCC –30V,
tstg
4.0
µsIC=3A,
0.8
µsIC=–3A,
tf
1.5
µsIB1=–IB2=10mA
0.6
µsIB1=–IB2=–10mA
fT
75
MHz
VCE=12V, IE=–0.1A
200
MHz
VCE=–12V, IE=0.2A
Cob
50
pF
VCB=10V, f=1MHz
75
pF
VCB=–10V, f=1MHz
IC=3A, IB=6mA
IC=–3A, IB=–6mA
3
0.2
IB (mA)
2
1
0
0.5
1
5
10
50 100 200
IC=4A
IC=1A
IC=2A
3
0.5
(IC / IB=1000)
IC (A)
2
1
0
15
6
10
3
VCE (V)
5
1
0.5
0.1
0.05
0.03
5
10
50
100
Single Pulse
Without Heatsink
Ta=25
°C
–3
–0.3
IB (mA)
–2
–1
0
–0.5 –1
–5
–10
–50 –100 –200
IC=–4A
IC=–2A
IC=–1A
–3
–0.5
(IC / IB=1000)
IC (A)
–2
–1
0
–1
–5 –6
125°C
25
°C
75
°C
Ta=–30°C
–10
–3
–5
–1
–0.5
–0.1
–0.05
–0.03
–5
–10
–50
–100
Single Pulse
Without Heatsink
Ta=25
°C
VCE (V)
20
10
5
1
0.5
1
5
10
50 100
500 1000
PW (mS)
20
15
10
5
0
–40
0
50
100
150
Ta (
°C)
Without Heatsink
Electrical characteristics
PT-Ta Characteristics
θ j-a-PW Characteristics



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com