Electronic Components Datasheet Search
  English  ▼

X  

CSHDD8-100 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CSHDD8-100
Description  SILICON SCHOTTKY RECTIFIERS SINGLE, 8.0 AMP, 40 THRU 100 VOLTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CSHDD8-100 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CSHDD8-100 Datasheet HTML 1Page - Central Semiconductor Corp CSHDD8-100 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Central
Semiconductor Corp.
TM
344
D
2PAK CASE
CSHDD8-40
CSHDD8-60
CSHDD8-100
SILICON SCHOTTKY RECTIFIERS
SINGLE, 8.0 AMP, 40 THRU 100 VOLTS
FEATURES:
• HIGH RELIABILITY
• LOW FORWARD VOLTAGE
• HIGH CURRENT CAPABILITY
• HIGH SURGE CAPACITY
• UL FLAMMABILITY CLASSIFICATION 94V-O
• SUPERIOR LOT TO LOT CONSISTENCY
• LOW POWER LOSS, HIGH EFFECIENCY
• HIGH VOLTAGE
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CSHDD8-40 Series types are Silicon Schottky Rectifiers
designed for surface mount fast switching applications requiring a low forward voltage drop. To order
devices on 24mm Tape and Reel ( 800/13” Reel ), add TR13 suffix to part number.
MAXIMUM RATINGS: (TC=25°C unless otherwise noted)
SYMBOL CSHDD8-40 CSHDD8-60 CSHDD8-100 UNITS
Peak Repetitive Reverse Voltage
VRRM
40
60
100
V
DC Blocking Voltage
VR
40
60
100
V
RMS Reverse Voltage
VR(RMS)
28
42
70
V
Average Forward Current (TC=100°C)
IO
8.0
A
Peak Forward Surge Current (8.3ms)
IFSM
150
A
Critical Rate of Rise of Reverse Voltage
dV/dt
10,000
V/
ms
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
°C
Typical Thermal Resistance
QJC
2.0
°C/W
Typical Thermal Resistance
QJA
50
°C/W
ELECTRICAL CHARACTERISTICS: (TC=25°C unless otherwise noted)
CSHDD8-40
CSHDD8-60
CSHDD8-100
SYMBOL
TEST CONDITIONS
TYP
MAX
TYP
MAX
TYP
MAX
UNITS
IR
VR=Rated VRRM
100
100
100
µA
IR
VR=Rated VRRM, TC= 125°C
15
15
15
mA
VF
IF=8.0A
0.65
0.75
0.85
V
VF
IF=8.0A, TC= 125°C
0.57
0.65
0.75
V
VF
IF=16A
0.84
0.95
1.10
V
VF
IF=16A, TC= 125°C
0.72
0.85
1.00
V
CJ
VR=4.0V, f=1.0MHz
300
300
300
pF
NEW


Similar Part No. - CSHDD8-100

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CSHDD8-100 CENTRAL-CSHDD8-100 Datasheet
546Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY RECTIFIER 8 AMP, 40 THRU 100 VOLTS
CSHDD8-100 CENTRAL-CSHDD8-100 Datasheet
546Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY RECTIFIER
CSHDD8-100FP CENTRAL-CSHDD8-100FP Datasheet
519Kb / 2P
8&16 Amp Schottky Rectifiers
More results

Similar Description - CSHDD8-100

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CSHDD16-40A CENTRAL-CSHDD16-40A Datasheet
111Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY RECTIFIERS DUAL, COMMON ANODE 16 AMP, 40 THRU 100 VOLTS
CSHDD16-40C CENTRAL-CSHDD16-40C Datasheet
59Kb / 2P
SILICON SCHOTTKY RECTIFIERS DUAL, COMMON CATHODE 16 AMP, 40 THRU 100 VOLTS
CUDD8-02 CENTRAL-CUDD8-02 Datasheet
56Kb / 2P
ULTRA FAST RECOVERY RECTIFIERS SINGLE, 8.0 AMP, 200 THRU 800 VOLTS
CS220-8B CENTRAL-CS220-8B Datasheet
71Kb / 2P
SILICON CONTROLLED RECTIFIER 8.0 AMP, 200 THRU 800 VOLTS
CRSH16D-40FP CENTRAL-CRSH16D-40FP Datasheet
156Kb / 2P
SILICON SCHOTTKY RECTIFIERS DUAL, COMMON CATHODE 16 AMP, 40 THRU 100 VOLTS
CSDD-8M CENTRAL-CSDD-8M Datasheet
74Kb / 2P
SILICON CONTROLLED RECTIFIER 8.0 AMP, 600 THRU 800 VOLTS
CSHD5-40 CENTRAL-CSHD5-40_10 Datasheet
358Kb / 2P
SURFACE MOUNT SCHOTTKY RECTIFIER 5 AMP, 40 THRU 100 VOLTS
CSHDD8-40 CENTRAL-CSHDD8-40_10 Datasheet
546Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY RECTIFIER 8 AMP, 40 THRU 100 VOLTS
CSHD5-40 CENTRAL-CSHD5-40_11 Datasheet
1Mb / 3P
SURFACE MOUNT SCHOTTKY RECTIFIER 5 AMP, 40 THRU 100 VOLTS
CSHD8-60 CENTRAL-CSHD8-60_13 Datasheet
499Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY RECTIFIERS 8.0 AMP, 60 THRU 200 VOLT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com