Electronic Components Datasheet Search
  English  ▼

X  

183F20 Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 183F20
Description  Low Voltage - P.C. Board Mount (183 Series)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

183F20 Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  183F20 Datasheet HTML 1Page - Hammond Manufacturing Ltd. 183F20 Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
16
EUROPE
Basingstoke, UK 01256 812812
AUSTRALIA
Queenstown, Australia 61-8-8240-2244
CANADA
Guelph, Ontario (519) 822-2960
St. Laurent, Quebec (514) 343-9010
USA
Cheektowaga, NY (716) 630-7030
©
www.hammondmfg.com
Low Voltage - P.C. Board Mount (183 Series)
LOW VOLTAGE - P.C. BOARD MOUNT
UNIVERSAL
14 output voltages to choose from (5 - 36 VAC R.M.S.)
•
Six VA size models available from - 2.5 to 56VA
•
Universal operation on 50/60 Hz current, 115 or 230V dual primary
•
Low profile, split bobbin with top shroud design.
•
Dual winding secondaries, non-concentrically wound
•
Low primary to secondary coupling - no electrostatic shield required.
•
High insulation - Hipot of 4,000V RMS.
•
Class F insulation - 155 degrees C.
•
Two hole mounting on 2.5, 5, 10 and 20VA sizes, four hole mounting
•
on 30 and 56VA size (mounting screws not provided).
P.C. board mount with industry standard pin spacing.
•
CSA certified (# LR3902) and UL recognized (# E50394).
•
183 Series - Drawing & Schematic
Mounting Hole Drawing
Dimension Table
Part No.
Dual Pri.
115/230V
Size
VA
Secondary (RMS)
Series
Parallel
183E10
2.5 10V C.T. @ .25A
5V @ .5A
183F10
5
10V C.T. @ .5A
5V @ 1A
183G10
10
10V C.T. @ 1A
5V @ 2A
183H10
20
10V C.T. @ 2A
5V @ 4A
183J10
30
10V C.T. @ 3A
5V @ 6A
183K10
56
10V C.T. @ 5.6A
5V @ 11.2A
183E12
2.5 12.6V C.T. @ .2A
6.3V @ .4A
183F12
5
12.6V C.T. @ .4A
6.3V @ .8A
183G12
10
12.6V C.T. @ .8A
6.3V @ 1.6A
183H12
20
12.6V C.T. @ 1.6A 6.3V @ 3.2A
183J12
30
12.6V C.T. @ 2.4A 6.3V @ 4.8A
183K12
56
12.6V C.T. @ 4.4A 6.3V @ 8.8A
183E16
2.5 16V C.T. @ .15A
8V @ .3A
183F16
5
16V C.T. @ .31A
8V @ .62A
183G16
10
16V C.T. @ .625A
8V @ 1.25A
183H16
20
16V C.T. @ 1.25A
8V @ 2.5A
183J16
30
16V C.T. @ 1.9A
8V @ 3.8A
183K16
56
16V C.T. @ 3.5A
8V @ 7A
183E20
2.5 20V C.T. @ .12A
10V @ .24A
183F20
5
20V C.T. @ .25A
10V @ .5A
183G20
10
20V C.T. @ .5A
10V @ 1A
183H20
20
20V C.T. @ 1A
10V @ 2A
183J20
30
20V C.T. @ 1.5A
10V @ 3A
183K20
56
20V C.T. @ 2.8A
10V @ 5.6A
183E24
2.5 24V C.T. @ .1A
12V @ .2A
183F24
5
24V C.T. @ .21A
12V @ .42A
183G24
10
24V C.T. @ .42A
12V @ .84A
183H24
20
24V C.T. @ .83A
12V @ 1.66A
183J24
30
24V C.T. @ 1.25A
12V @ 2.5A
183K24
56
24V C.T. @ 2.33A
12V @ 4.66A
183E28
2.5 28V C.T. @ .09A
14V @ .18A
183F28
5
28V C.T. @ .18A
14V @ .36A
183G28
10
28V C.T. @ .36A
14V @ .72A
183H28
20
28V C.T. @ .72A
14V @ 1.44A
183J28
30
28V C.T. @ 1.06A
14V @ 2.12A
183K28
56
28V C.T. @ 2A
14V @ 4A
183E36
2.5 36V C.T. @ .07A
18V @ .14A
183F36
5
36V C.T. @ .14A
18V @ .28A
183G36
10
36V C.T. @ .28A
18V @ .56A
183H36
20
36V C.T. @ .56A
18V @ 1.12A
183J36
30
36V C.T. @ .82A
18V @ 1.64A
183K36
56
36V C.T. @ 1.56A
18V @ 3.12A
(VA)
Size
Dimensions (Inches)
Pin
Size
(square)
Mtg.
Screw
Lbs.
L
W
H
A
B
C
M
N
P
2.5
1 5/8
1 7/16
1 1/8
.20
.25
1.00
1 1/16
--
--
0.025”
#4
0.17
5
1 5/8
1 7/16
1 3/8
.20
.40
1.00
1 1/16
--
--
0.025”
#4
0.37
10
1 7/8
1 9/16
1 3/8
.20
.40
1.14
1 1/4
--
--
0.036”
#4
0.53
20
2 1/4
1 7/8
1 5/8
.40
.40
1.46
1 1/2
--
--
0.036”
#4
0.90
30
2 5/8
2 3/16
1 9/16
.55
.28
1.68
--
1 3/4
2 3/16
0.045”
#6
1.15
56
3
2 1/2
1 13/16
.60
.30
1.90
--
2
2 1/2
0.045”
#6
1.70


Similar Part No. - 183F20

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
183F20 HAMMOND-183F20 Datasheet
293Kb / 1P
Low Voltage P.C. Board Mounted Power Transformer
More results

Similar Description - 183F20

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
145J HAMMOND-145J Datasheet
376Kb / 2P
LOW PROFILE - P.C. BOARD MOUNT AUDIO TRANSFORMERS
227T HAMMOND-227T Datasheet
278Kb / 1P
Low Voltage - P.C. Board Mount (226-228 Series)
162D12 HAMMOND-162D12 Datasheet
260Kb / 2P
LOW VOLTAGE P.C. BOARD MOUNT LOW PROFILE 162/164 SERIES
183G16 HAMMOND-183G16 Datasheet
293Kb / 1P
Low Voltage P.C. Board Mounted Power Transformer
183G10 HAMMOND-183G10 Datasheet
293Kb / 1P
Low Voltage P.C. Board Mounted Power Transformer
183E36 HAMMOND-183E36 Datasheet
293Kb / 1P
Low Voltage P.C. Board Mounted Power Transformer
183E10 HAMMOND-183E10 Datasheet
294Kb / 1P
Low Voltage P.C. Board Mounted Power Transformer
183K20 HAMMOND-183K20 Datasheet
293Kb / 1P
Low Voltage P.C. Board Mounted Power Transformer
183J12 HAMMOND-183J12 Datasheet
293Kb / 1P
Low Voltage P.C. Board Mounted Power Transformer
183H10 HAMMOND-183H10 Datasheet
293Kb / 1P
Low Voltage P.C. Board Mounted Power Transformer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com