Electronic Components Datasheet Search
  English  ▼

X  

208 Datasheet(PDF) 1 Page - CTS Corporation

Part # 208
Description  Through Hole DIP Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

208 Datasheet(HTML) 1 Page - CTS Corporation

  208 Datasheet HTML 1Page - CTS Corporation 208 Datasheet HTML 2Page - CTS Corporation 208 Datasheet HTML 3Page - CTS Corporation 208 Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Multifunctional
Through Hole
DIP Switches
Features
Optimized Mechanical Features
• Standard 2.54mm (.100") x 7.62mm (.300") DIP
centers
Sealed version optional; assures
contaminant-free switch operation after
wave soldering and cleaning
Optimized Contact System
• Contact wiping action on make and break
• Integral terminal and contact locked into
thermoset base
• Electrostatic discharge shield rated to 22 KV
Materials
• Series 206, gold plated contacts for long-term
contact corrosion resistance.
• Series 208, tin plated contacts
• UL 94V-0 plastics
Electrical and Mechanical Specifications
Switch Function
SPST - 1 through 10 and 12 positions
SPDT&DPST- 1 through 6 positions
DPDT&4PST - 1 through 3 positions
3PST - 1 through 4 positions
Switch Contact Resistance
Insulation Resistance
1,000 megohms minimum between insulated
terminals
Dielectric Strength
500 VAC for 1 minute between adjacent
switches
Nonswitching Rating
100 mA or 50 VDC maximum
Switch Capacitance
5.0 pF maximum between adjacent closed switches
Operating Temperature
- 55°C to +85°C
Actuation Life
Series 206: 10,000 cycles switching 50 mA @ 24 VDC
Series 208: 2,000 cycles switching 50 mA @ 24 VDC
Allowable Solder Time
Wave soldering up to 5 seconds at 260°C
Vibration
Per MIL-STD-202F, method 204D, condition B(.06'' or
inconsistencies greater than 1 microsecond
Shock
Per MIL-STD-202F, method 213B, condition A
with no contact inconsistencies greater than
1 microsecond
Sealing
Bottom epoxy seal optional
Top tape seal optional
Marking
Special side or top marking available-consult CTS
Switch Series
Initial, max.
End of life , max.
206
50 milliohms
100 milliohms
208
100 milliohms
500 milliohms
Series 206 – Premium Programmable DIP Switch
Series 208 – Economical Programmable DIP Switch
Available with low profile, standard, or extended
actuators for SPST circuitry.
• RoHS compliant
Packaging
1 - 4
CTS Electrocomponents
www.ctscorp.com
Standard : Anti-Static tube packaging
© 2010 CTS Corporation. All rights reserved. Information subject to change.
07/07/10
Switch contacts elevated above
switch base provides dust proof feature.
Available with SPST,SPDT DPST,DPDT,
3PST,4PST circuitry choices.
15G's between 10HZ to 2 KHZ) with no contact
(50G's)
®
Electrocomponents
Series 206/208Data Sheet
Data Sheet
Through Hole DIP Switch


Similar Part No. - 208

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
208 CTS-208 Datasheet
336Kb / 4P
Multifunctional Through Hole Through Hole
logo
Littelfuse
208 LITTELFUSE-208 Datasheet
190Kb / 4P
Axial Lead & Cartridge Fuses
logo
Marl International Limi...
208 MARL-208 Datasheet
271Kb / 5P
Direct replacement for T6.8 Slide Base
logo
Alpha Wire
208 ALPHAWIRE-208 Datasheet
211Kb / 2P
M12-A Male 90 Degree 4 Pin Field Attachable
logo
Vishay Siliconix
208 VISHAY-208 Datasheet
103Kb / 4P
1 3/4" (44.5 mm) Single Turn Conductive Plastic Precision PotentiometerS
22-Nov-16
More results

Similar Description - 208

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
206 CTS-206 Datasheet
130Kb / 4P
Multifunctional through hole DIP switches
194 CTS-194 Datasheet
1Mb / 2P
Side Actuated, Through Hole DIP Switches
193 CTS-193 Datasheet
976Kb / 2P
Side Actuated, Through Hole DIP Switches
209-12MSTFD CTS-209-12MSTFD Datasheet
307Kb / 2P
Through Hole DIP Switch
206-124 CTS-206-124 Datasheet
450Kb / 4P
Through Hole DIP Switch
2083LPST CTS-2083LPST Datasheet
386Kb / 4P
Multifunctional Through Hole DIP Switches
206221 CTS-206221 Datasheet
386Kb / 4P
Multifunctional Through Hole DIP Switches
195-2MS CTS-195-2MS Datasheet
334Kb / 2P
Through Hole DIP Switch
206-121ESTN CTS-206-121ESTN Datasheet
563Kb / 4P
Through Hole DIP Switch
logo
Omron Electronics LLC
A6E-N OMRON-A6E-N Datasheet
234Kb / 3P
Box type Through-hole Mounting DIP Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com