| Electronic Components Datasheet Search |
|
3590S Datasheet(PDF) 2 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
3590S Datasheet(HTML) 2 Page - Bourns Electronic Solutions |
|
2 / 2 page ![]() 12.19 ± 0.51 (.480 ± .020) SOLDER LUG TERMINAL PC PIN TERMINAL THICKNESS 1.63 ± 0.38 (.064 ± .015) .305 ± .003 (.012 ± .0001) 0.86 (.034) 3 PLCS. 3.30 ± 0.38 (.130 ± .015) 2.54 (.100) 3 PLCS. 12.19 ± 0.51 (.480 ± .020) 3590 - Precision Potentiometer Panel Thickness Dimensions (For Bushing Mount Only) PANEL POT LOCKWASHER HEX NUT 2.46 - 3.81 (.097 - .150) 1.60 +.08/-.03 (.063 +.003/-.001) 10.44 ± .07 (.411 ± .003) DIA. DIA. ADDITIONAL HOLE FOR ANTI-ROTATION PIN Anti-rotation pin hole is shown at six o'clock position for reference only. The actual location is determined by the customer's application. Refer to the front view of the potentiometer to see the location of the optional A/R pin. Panel thickness and hole diameters are recommended for best fit. However, customers may adjust the dimensions to suit their specific application. 7.42 (.292) R Product Dimensions Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. REV. 06/12 2 1 3 BUSHING DIAMETER (SEE PART NUMBERS) SHAFT DIAMETER (SEE PART NUMBERS) 12.70 (.500) MOUNTING SURFACE 15.54 (.612) 5.08 ± .38 (.200 ± .015) 6.99 ± .38 (.275 ± .015) 5.08 ± .38 (.200 ± .015) 10.31 + .00/- .13 (.406+.000/-.005) .25 (.010) 1.19 (.047) 7.92 (.312) .81 (.032) 20.62 ± .81 (.812 ± .032) 18.6 ± .4 (.732 ± .015) 12.2 (.48) 11.81 (.465) DIA. 22.22 ± .38 (.875 ±.015) DIA. R MAX. 12.70 ±0.25 (.500 ± .010) MOUNTING SURFACE 15.54 (.612) 12.2 (.480) 11.81 (.465) DIA. 22.22 ± .38 (.875 ±.015) DIA. R MAX. 2 3 1 BUSHING DIA. (SEE PART NUMBERS) 3/8-32 UNEF .76 ± .25 .030 ± .010 SHAFT DIA. (SEE PART NUMBERS) 5.08 ± .38 (.200 ± .015) 6.99 ± .38 (.275 ± .015) 10.31 +.00/-.10 (.406 +.000/-.004) R 5.08 ± .38 (.200 ± .015) .25 (.010) 7.93 (.312) .81 (.032) 20.63 ± .81 (.812 ± .032) .81 ± .25 (.032 ± .010) 18.59 ± .38 (.732 ± .015) -2, -4, -6, -8 Configurations -1, -3, -5, -7 Configurations Recommended PCB Layout FMS HOLE DIAMETER 2.08 (.082) 5.08 (.200) 5.08 (.200) 6.99 (.275) Schematic 13 CCW CW CW 2 TOLERANCES: EXCEPT WHERE NOTED .508 .127 DECIMALS: .XX ± (.02), .XXX ± (.005) FRACTIONS: ±1/64 MM DIMENSIONS: (IN.) Shaft & Bushing Configurations (Bushing - DxL, Shaft - D): (-1) Plastic Bushing (3/8 ” x 5/16 ”) and Shaft (.2480 + .001, - .002) (-2) Metal Bushing (3/8 ” x 5/16 ”) and Shaft (.2497 + .0000, - .0009) (-3) Sealed, Plastic Bushing (3/8 ” x 5/16 ”) and Shaft (.2480 + .001, - .002) (-4) Sealed, Metal Bushing (3/8 ” x 5/16 ”) and Shaft (.2497 + .0000, - .0009) (-5) Metric, Plastic Bushing (9 mm x 7.94 mm) and Shaft (6 mm + 0, - .076 mm) (-6) Metric, Metal Bushing (9 mm x 7.94 mm) and Shaft (6 mm + 0, - .023 mm) (-7) Metric, Sealed, Plastic Bushing (9 mm x 7.94 mm) and Shaft (6 mm + 0, - .076 mm) (-8) Metric, Sealed, Metal Bushing (9 mm x 7.94 mm) and Shaft (6 mm + 0, - .023 mm) Terminal Styles “P” Terminal Style “S” Terminal Style |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |