Electronic Components Datasheet Search
  English  ▼

X  

E522.33 Datasheet(PDF) 1 Page - ELMOS Semiconductor AG

Part # E522.33
Description  SWITCH-MODE CONSTANT CURRENT LED CONTROLLER FAMILY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

E522.33 Datasheet(HTML) 1 Page - ELMOS Semiconductor AG

  E522.33 Datasheet HTML 1Page - ELMOS Semiconductor AG E522.33 Datasheet HTML 2Page - ELMOS Semiconductor AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
E522.31/33
ELMOS Semiconductor AG
Info Sheet
QM-No.: 25IS0085E.03
This document contains information on a new product. Elmos Semiconductor AG reserves the right to change specifications and information herein without notice.
SWITCH-MODE CONSTANT CURRENT LED CONTROLLER FAMILY
ADVANCE PRODUCT INFORMATION - MAR 6, 2013
Features
Applications
ÿ Switch-mode, single LED controller
ÿ 5.0V to 55V input voltage range, up to 80V
boosted output voltage
ÿ Boost-, Boost-to-battery-, Buck-to-battery- or SEPIC-
topology
ÿ Constant current regulation implemented
ÿ Differential high-side sense up to 60V
ÿ High-frequency PWM dimming capability
ÿ 10:1 Analog dimming capability for LED binning
ÿ Digital dimming up to 5000:1 at 100Hz PWM
ÿ Integrated softstart
ÿ Advanced In-System Diagnostic (e.g. GND loss,
output-overload and highside-feedback
diagnostics)
ÿ Very low sleep mode currents of typ. 8μA
ÿ Integrated automotive LDOs for 5V & 3.3V
ÿ AEC-Q100 Qualified
ÿ Junction temperature range -40°C to +150°C
ÿ Automotive LED lighting applications
ÿ General indoor and outdoor lighting and signals
ÿ TFT backlighting
ÿ General current driven applications
General Description
E522.31 and E522.33 are parts of a family of fixed fre-
quency switch-mode high voltage LED power supplies
and controllers with high efficiency. Integrated high-
side sensing allows topologies related to GND (Boost-
to-GND or SEPIC) as well as related to input voltage
(Boost-to-battery or Buck-to-battery, particularly in
harsh automotive environments.
The switching frequency is adjustable up to 600kHz by
an external resistor or can be synchronized in Master-
Slave configurations with other devices. Devices are
available with spread spectrum oscillators (E522.31)
and without spread spectrum (E522.33) versions to op-
timize size and effort of the application. Multiple con-
trol- and monitoring functions, e.g. short- and open
load detection, over-temperature shutdown and under-
voltage lockout are implemented.
Product ID
Oscillator spectrum
Package
E522.31
spread
QFN32L5
E522.33
narrow
QFN32L5
Ordering Information
E522.31
“ Boost to GND Circuit ”
OVP
VSM
NC
FBL
DIM
FBH
VSM
NC
NC
OVPO
OVPIN
FBH
FBL
NC
VSM
FBL
FBH
OVP
µC
DIM
NC
VIN
LGATE
I.C.
PWDIM
OSCIN
ON
VIN
VIN
AGND
Typical Applications Circuit


Similar Part No. - E522.33

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E522.33 ELMOS-E522.33 Datasheet
504Kb / 20P
CHANNEL SWITCHED MODE CONSTANT CURRENT CONTROLLER
More results

Similar Description - E522.33

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E522.32 ELMOS-E522.32 Datasheet
215Kb / 2P
SWITCH-MODE SONSTANT CURRENT LED CONTROLLER FAMILY
logo
List of Unclassifed Man...
LED-20W ETC2-LED-20W Datasheet
777Kb / 4P
Switch Mode LED Drivers with Isolation, Constant Current, Dimming & Constant Voltage
TRC-050S035ST ETC2-TRC-050S035ST Datasheet
547Kb / 1P
Switch Mode LED Drivers,Constant Current
TRC-050S035DT ETC2-TRC-050S035DT Datasheet
722Kb / 3P
Switch Mode LED Drivers - Constant Current
TRC-060S035ST ETC2-TRC-060S035ST Datasheet
536Kb / 2P
Switch Mode LED Drivers Constant Current
TRC-075S035ST ETC2-TRC-075S035ST Datasheet
580Kb / 2P
Switch Mode LED Drivers - Constant Current
TRC-075D ETC2-TRC-075D Datasheet
731Kb / 3P
Switch Mode LED Drivers - Constant Current
TRC-096S035ST ETC2-TRC-096S035ST Datasheet
521Kb / 2P
Switch Mode LED Drivers, Constant Current
TRC-096S035DT ETC2-TRC-096S035DT Datasheet
697Kb / 3P
Switch Mode LED Drivers,Constant Current
TRC-120S035DT ETC2-TRC-120S035DT Datasheet
687Kb / 3P
120W Switch Mode LED Drivers Constant Current
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com