Electronic Components Datasheet Search
  English  ▼

X  

E522.34 Datasheet(PDF) 1 Page - ELMOS Semiconductor AG

Part # E522.34
Description  SWITCH-MODE SONSTANT CURRENT LED CONTROLLER FAMILY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

E522.34 Datasheet(HTML) 1 Page - ELMOS Semiconductor AG

  E522.34 Datasheet HTML 1Page - ELMOS Semiconductor AG E522.34 Datasheet HTML 2Page - ELMOS Semiconductor AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
E522.32/34
Elmos Semiconductor AG
Info Sheet
QM-No.: 25IS0078E.03
This document contains information on a pre-production product. Elmos Semiconductor AG reserves the right to change specifications and information herein without notice.
SWITCH-MODE CONSTANT CURRENT LED CONTROLLER FAMILY
PRELIMINARY INFORMATION - MAR 6, 2013
Features
Applications
ÿ Switch-mode, single or dual LED controller
ÿ 5.0V to 55V input voltage range, up to 80V
boosted output voltage
ÿ Boost-, Boost-to-battery-, Buck-to-battery- or SEPIC-
topology
ÿ Constant current regulation implemented
ÿ Differential high-side sense up to 60V
ÿ High-frequency PWM dimming capability
ÿ 10:1 Analog dimming capability for LED binning
ÿ Digital dimming up to 5000:1 at 100Hz PWM
ÿ Integrated softstart
ÿ Advanced In-System Diagnostic (e.g. GND loss,
output-overload and highside-feedback
diagnostics)
ÿ Very low sleep mode currents of typ. 8μA
ÿ Integrated automotive LDOs for 5V & 3.3V
ÿ AEC-Q100 Qualified
ÿ Junction temperature range -40°C to +150°C
ÿ Automotive LED lighting applications
ÿ General indoor and outdoor lighting and signals
ÿ TFT backlighting
ÿ General current driven applications
General Description
E522.32 and E522.34 are parts of a family of fixed fre-
quency switch-mode high voltage LED power supplies
and controllers with high efficiency. Integrated high-
side sensing allows topologies related to GND (Boost-
to-GND or SEPIC) as well as related to input voltage
(Boost-to-battery or Buck-to-battery, particularly in
harsh automotive environments.
The switching frequency is adjustable up to 600kHz by
an external resistor or can be synchronized in Master-
Slave configurations with other devices. The phase shift
of 180° between channels essentially reduces EMI. De-
vices are available as 2-channel with spread spectrum
oscillators (E522.32) and as 2- channel without spread
spectrum (E522.34) versions to optimize size and ef-
fort of the application. Multiple control- and monitor-
ing functions, e.g. short- and open load detection, over-
temperature shutdown and undervoltage lockout are
implemented.
Ordering Information
FBL1
FBH1
“ Boost to Battery Circuit ”
“ Boost to GND Circuit ”
OVP1
OVP2
VSM
FBL2
FBL2
DIM2
VIN
VIN
FBH2
DIM1
VSM
FBH2
OVPIN2
OVPO
OVPIN1
FBH1
FBL1
ERRB2
µC
FBL1
FBH1
OVP1
OVP2
FBH2
FBL2
µC
µC
DIM1
VSM
LGATE2
LGATE1
PWDIM2
PWDIM1
OSCIN
ON
VIN
VIN
AGND
DIM2
E522.32
Product ID
Oscillator spectrum
Package
E522.32
spread
QFN32L5
E522.34
narrow
QFN32L5
Typical Application Circuit


Similar Part No. - E522.34

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E522.34 ELMOS-E522.34 Datasheet
167Kb / 2P
2 CHANNEL SWITCHED MODE CONSTANT CURRENT CONTROLLER
More results

Similar Description - E522.34

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSM108 STMICROELECTRONICS-TSM108 Datasheet
257Kb / 13P
AUTOMOTIVE SWITCH MODE VOLTAGE AND CURRENT CONTROLLER
Nov-2001
ACST2 STMICROELECTRONICS-ACST2 Datasheet
161Kb / 11P
AC Switch family Alternating current switch
01-Mar-2007
logo
ELMOS Semiconductor AG
E522.31 ELMOS-E522.31 Datasheet
211Kb / 2P
SWITCH-MODE CONSTANT CURRENT LED CONTROLLER FAMILY
logo
List of Unclassifed Man...
TRC-050S035ST ETC2-TRC-050S035ST Datasheet
547Kb / 1P
Switch Mode LED Drivers,Constant Current
TRC-050S035DT ETC2-TRC-050S035DT Datasheet
722Kb / 3P
Switch Mode LED Drivers - Constant Current
TRC-075S035ST ETC2-TRC-075S035ST Datasheet
580Kb / 2P
Switch Mode LED Drivers - Constant Current
TRC-075D ETC2-TRC-075D Datasheet
731Kb / 3P
Switch Mode LED Drivers - Constant Current
TRC-096S035ST ETC2-TRC-096S035ST Datasheet
521Kb / 2P
Switch Mode LED Drivers, Constant Current
TRC-096S035DT ETC2-TRC-096S035DT Datasheet
697Kb / 3P
Switch Mode LED Drivers,Constant Current
logo
STMicroelectronics
HVLED002 STMICROELECTRONICS-HVLED002 Datasheet
481Kb / 19P
High performance current mode LED controller
15-Dec-2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com