Electronic Components Datasheet Search
  English  ▼

X  

26539 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 26539
Description  Wiha Nut Driver Precision Series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

26539 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  26539 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Toll Free: (800) 494-6104
Wiha Quality Tools
See Product Category Index
144
Set 8 Pcs. Nut Driver Metric
Blade chrome-vanadium-molybdenum steel.
Item
No.
mm
mm
lbs.
265 90
265 25
2.5
60
.48
265 30
3.0
60
265 35
3.5
60
265 40
4.0
60
265 45
4.5
60
265 50
5.0
60
265 55
5.5
60
265 60
6.0
60
Nut Driver With Precision Handle
Metric sizes. Blade CVM steel. Hard chrome finished.
Item
No.
mm
mm Inch
mm Inch mm
mm lbs.
pkg.
265 10
1.5
60
2.4
140
5.5
2.5
3.0
.03
10
265 15
1.8
60
2.4
140
5.5
2.9
3.5
.03
10
265 20
2.0
60
2.4
140
5.5
3.2
4.0
.04
10
265 25
2.5
60
2.4
155
6.1
4.0
4.0
.04
10
265 30
3.0
60
2.4
155
6.1
5.0
5.0
.05
10
265 32
3.2
60
2.4
155
6.1
5.0
5.0
.05
10
265 35
3.5
60
2.4
155
6.1
5.3
6.0
.05
10
265 40
4.0
60
2.4
155
6.1
5.5
6.0
.05
10
265 45
4.5
60
2.4
155
6.1
6.2
7.0
.05
10
265 50
5.0
60
2.4
155
6.1
6.8
7.0
.05
10
265 55
5.5
60
2.4
170
6.7
7.6
8.0
.06
10
265 60
6.0
60
2.4
170
6.7
8.2
9.0
.06
10
265 70
7.0
60
2.4
170
6.7
9.6
10.0 .06
10
*Metric dimensions actual - Inch dimensions approximate
Nut Driver With Precision Handle
Inch sizes. Blade CVM steel. Hard chrome finished.
Item
No.
Inch
mm Inch
mm
Inch Inch Inch lbs.
pkg.
265 23
3/32
60
2.4
155
6.1
.16
.16
.04
10
265 27
7/64
60
2.4
155
6.1
.20
.20
.05
10
265 31
1/8
60
2.4
155
6.1
.20
.20
.05
10
265 36
9/64
60
2.4
155
6.1
.21
.24
.05
10
265 39
5/32
60
2.4
155
6.1
.22
.24
.05
10
265 47
3/16
60
2.4
155
6.1
.25
.28
.05
10
265 56
7/32
60
2.4
170
6.7
.30
.32
.06
10
265 63
1/4
60
2.4
170
6.7
.34
.36
.06
10
*Metric dimensions actual - Inch dimensions approximate
Set 8 Pcs. Nut Driver Inch
Blade chrome-vanadium-molybdenum steel.
Item
No.
Inch
Inch
lbs.
265 91
265 23
3/32
2.4
.47
265 27
7/64
2.4
265 31
1/8
2.4
265 36
9/64
2.4
265 39
5/32
2.4
265 47
3/16
2.4
265 56
7/32
2.4
265 63
1/4
2.4
265 91
265 90
265 Inch
265 Metric
Wiha Nut Driver Precision Series
Set 7 Pcs. Nut Driver Metric
Item No. 265 92 1.5, 1.8, 2.0, 2.5, 3.0, 3.5, 4.0mm
265 92
Set 8 Pcs. Nut Driver Inch In Canvas Pouch
Blade high alloy chrome-vanadium-molybdenum steel. Hard chrome
finished. In storage pouch
Item
No.
Inch Inch
Inch Inch
lbs.
265 99
265 23
3/32 2.4
265 39
5/32 2.4
.72
265 27
7/64 2.4
265 47
3/16 2.4
265 31
1/8
2.4
265 56
7/32 2.4
265 36
9/64 2.4
265 63
1/4
2.4
265 99
Set 8 Pcs. Nut Driver Metric In Canvas Pouch
Blade high alloy chrome-vanadium-molybdenum steel. Hard chrome
finished. In storage pouch
Item
No.
mm mm
mm mm
lbs.
265 98
265 25
2.5
60
265 45
4.5
60
.70
265 30
3.0
60
265 50
5.0
60
265 35
3.5
60
265 55
5.5
60
265 40
4.0
60
265 60
6.0
60
265 98
Go To
Image Index
Go To
Numerical Index
I
N
D
E
X
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
PREVIOUS
NEXT


Similar Part No. - 26539

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2653 ETC2-2653 Datasheet
1Mb / 16P
Its a complete tool kit that fits in your palm.
logo
Heyco.
2653 HEYCO-2653 Datasheet
105Kb / 1P
Dome Plugs
logo
Adafruit Industries
2653 ADAFRUIT-2653 Datasheet
73Kb / 1P
PhoBot - Robotics Shield for Photon
logo
List of Unclassifed Man...
26532720 ETC2-26532720 Datasheet
2Mb / 50P
SIMM Series Input Modules
26532721 ETC2-26532721 Datasheet
2Mb / 50P
SIMM Series Input Modules
More results

Similar Description - 26539

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
20011 ETC2-20011 Datasheet
129Kb / 1P
Wiha Quality Tools
43622 ETC2-43622 Datasheet
163Kb / 1P
Wiha Quality Tools
44222 ETC2-44222 Datasheet
379Kb / 1P
Wiha Quality Tools
60213 ETC2-60213 Datasheet
191Kb / 1P
Wiha Quality Tools Wiha 3/8 Sockets & Sets
76395 ETC2-76395 Datasheet
789Kb / 2P
Wiha Quality Tools Wiha Socket Sets On Molded Rails
27515 ETC2-27515 Datasheet
171Kb / 1P
Wiha Precision ESD Safe Hex Drivers
36590 ETC2-36590 Datasheet
280Kb / 1P
Wiha TORX Tools Wiha TORX Plus Tools
71322 ETC2-71322 Datasheet
170Kb / 1P
Wiha Sockets
26076 ETC2-26076 Datasheet
313Kb / 1P
Wiha Soft Grip PicoFinish Precision Screwdrivers
32919 ETC2-32919 Datasheet
199Kb / 1P
Wiha ComfortGrip Pliers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com