Electronic Components Datasheet Search
  English  ▼

X  

27520 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 27520
Description  Wiha Precision ESD Safe Hex Drivers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

27520 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  27520 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.wihatools.com
Wiha Quality Tools
Germany
137
Hex Driver, With Precision ESD Safe Dissipative
Handle. Blade high alloy chrome-vanadium-molybdenum steel.
Hard chrome finished. Handle manufactured from impact resistant,
dissipative material. ESD standard IEC 61340-5-1
Item
No.
mm
mm
Inch
mm
Inch
lbs.
pkg.
275 07
.07
40
1.6
120
4.7
.02
10
275 09
.09
40
1.6
120
4.7
.02
10
275 13
1.3
40
1.6
120
4.7
.03
10
275 15
1.5
50
2.0
145
5.7
.03
10
275 20
2.0
50
2.0
145
5.7
.04
10
275 25
2.5
60
2.4
170
6.7
.05
10
275 30
3.0
60
2.4
170
6.7
.05
10
275 35
4.0
60
2.4
170
6.7
.05
10
*Metric dimensions actual - Inch dimensions approximate
275 Metric
Hex Driver, With Precision ESD Safe Dissipative
Handle. Blade high alloy chrome-vanadium-molybdenum steel.
Hard chrome finished. Handle manufactured from impact resistant,
dissipative material. ESD standard IEC 61340-5-1
Item
No.
Inch
mm
Inch mm
Inch
lbs.
pkg.
275 05
.028
40
1.6
120
4.7
.02
10
275 10
.035
40
1.6
120
4.7
.02
10
275 13
.050
40
1.6
120
4.7
.02
10
275 37
1/16
50
2.0
145
5.7
.03
10
275 39
5/64
50
2.0
145
5.7
.03
10
275 41
3/32
60
2.4
170
6.7
.04
10
275 43
7/64
60
2.4
170
6.7
.04
10
275 45
1/8
60
2.4
170
6.7
.04
10
275 47
9/64
60
2.4
170
6.7
.05
10
275 49
5/32
60
2.4
170
6.7
.05
10
*Metric dimensions actual - Inch dimensions approximate
275 Inch
Set 8 Pcs. Hex Metric Precision ESD Safe Dissipative
Handle Blade CVM steel, hardened, hard chromed. Handle impact
resistant, dissipative material. In storage pouch
Item
No.
mm mm
mm mm
lbs.
275 90
275 07
.07
40
275 20
2.0
50
.53
275 09
.09
40
275 25
2.5
60
275 13
1.3
40
275 30
3.0
60
275 15
1.5
50
275 35
4.0
60
275 90
Set 8 Pcs. Hex Inch Precision ESD Safe Dissipative
Handle Blade CVM steel, hardened, hard chromed. Handle impact
resistant, dissipative material. In storage pouch
Item
No.
Inch Inch
Inch Inch
lbs.
275 91
275 13
.050 1.6
275 43
7/64 2.4
.57
275 37
1/16 2.0
275 45
1/8
2.4
275 39
5/64 2.0
275 47
9/64 2.4
275 41
3/32 2.4
275 49
5/32 2.4
275 91
Wiha Precision ESD Safe Hex Drivers
Rugged Polyester Canvas Storage Pouch
Holds 8 Precision Tools up to 170mm in length. Folding pouch.
Has security flaps and velcro closer.
Item
No.
Size
lbs.
pkg.
911 18
14 1/2” W x 7 3/4” L
.13
1
911 18
D
D
ESD standard
IEC 61340-5-1
ESD standard
IEC 61340-5-1
Go To
Image Index
Go To
Numerical Index
I
N
D
E
X
SHOP
SHOP
SHOP
SHOP
SHOP
PREVIOUS
NEXT


Similar Part No. - 27520

ManufacturerPart #DatasheetDescription
logo
Presto International UK...
27520 PRESTO-27520 Datasheet
3Mb / 24P
ENGINEERS CUTTING TOOLS
logo
MKS Instruments.
275203 MKS-275203 Datasheet
591Kb / 8P
DIGITAL COMBINATION VACUUM GAUGE SYSTEM
logo
Fair-Rite Products Corp...
2752041446 FAIR-RITE-2752041446 Datasheet
1Mb / 3P
SM Beads
2752041447 FAIR-RITE-2752041447 Datasheet
1Mb / 2P
SM Beads
2752045446 FAIR-RITE-2752045446 Datasheet
1Mb / 3P
SM Beads
More results

Similar Description - 27520

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS1034 TI-SN54ALS1034 Datasheet
120Kb / 8P
HEX DRIVERS
SN54AS1004A TI-SN54AS1004A Datasheet
496Kb / 14P
HEX INVERTING DRIVERS
SN54ALS1034 TI-SN54ALS1034_07 Datasheet
635Kb / 16P
HEX DRIVERS
SN54AS1004A TI-SN54AS1004A_08 Datasheet
664Kb / 16P
HEX INVERTING DRIVERS
5962-8873101CA TI1-5962-8873101CA Datasheet
1Mb / 19P
HEX DRIVERS
logo
List of Unclassifed Man...
26539 ETC2-26539 Datasheet
256Kb / 1P
Wiha Nut Driver Precision Series
33403 ETC2-33403 Datasheet
261Kb / 1P
Wiha T-handle Hex Tools
26076 ETC2-26076 Datasheet
313Kb / 1P
Wiha Soft Grip PicoFinish Precision Screwdrivers
27305 ETC2-27305 Datasheet
152Kb / 2P
Precision ESD Safe Conductive Drivers
27899 ETC2-27899 Datasheet
171Kb / 1P
Precision ESD Safe TORX Drivers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com