Electronic Components Datasheet Search
  English  ▼

X  

49783 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 49783
Description  Professional Quality Tweezers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

49783 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  49783 Datasheet HTML 1Page - List of Unclassifed Manufacturers 49783 Datasheet HTML 2Page - List of Unclassifed Manufacturers 49783 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Toll Free: (800) 494-6104
Wiha Quality Tools
Germany
166
Professional Quality Tweezers
IN STANDARD AND SPECIAL SIZES
Item No.
Description
wt.
469 72
5bb SA - 107mm
.07
Stainless steel, anti-magnetic and acid resistant.
Brushed finish tweezers made from Vommaloy.
Extra Fine Points Bent 30O
3mm Long Tip
Item No.
Description
wt.
469 70
5abb SA - 117mm
.07
Stainless steel, anti-magnetic and acid resistant.
Brushed finish tweezers made from Vommaloy.
Fine Points Angled
with 40O - Tip Bend
Item No.
Description
wt.
430 14
40 SA - 145mm
.11
Stainless steel, anti-magnetic and acid resistant.
Brushed finish tweezers made from Vommaloy.
Blunt Tip Serrated
Item No.
Description
wt.
430 10
40 - 145mm
.11
Carbon steel tweezers. Nickel-plated finish.
Blunt Tip, Serrated
Item No.
Description
wt.
438 00
8 SA - 120mm
.10
Stainless steel, anti-magnetic and acid resistant.
Brushed finish tweezers made from Vommaloy.
Heavy Duty Forming Tweezers
Item No.
Description
wt.
450 10
30 - 145mm
.09
Carbon steel tweezers. Nickel-plated finish.
Long Tapered to Fine Tip Serrated
Item No.
Description
wt.
452 10
34 SA - 120mm
.08
Stainless steel, anti-magnetic and acid resistant.
Brushed finish tweezers made from Vommaloy.
Tapered to Fine Tip Serrated
Item No.
Description
wt.
452 11
34b SA - 120mm
.08
Stainless steel, anti-magnetic and acid resistant.
Brushed finish tweezers made from Vommaloy.
Bent Fine Tip & Serrated
Item No.
Description
wt.
469 50
7abb SA - 120mm
.07
Stainless steel, anti-magnetic and acid resistant.
Brushed finish tweezers made from Vommaloy.
Curved Extra Fine, 3mm Long
Angled Tip
Item No.
Description
wt.
469 71
SSbb SA - 140mm
.07
Stainless steel, anti-magnetic and acid resistant.
Brushed finish tweezers made from Vommaloy.
Narrow Body Low Force Bent
35O - 3mm Long Tip
Item No.
Description
wt.
469 87
6 SA - 120mm
.08
Stainless steel, anti-magnetic and acid resistant.
Brushed finish tweezers made from Vommaloy.
Fine Hooked & Tapered Tips
Item No.
Description
wt.
481 50
OO S - 120mm
.08
Stainless steel tweezers. Brushed finish.
Strong Tweezers Tapered To Point
Go To
Image Index
Go To
Numerical Index
I
N
D
E
X
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
PREVIOUS
NEXT


Similar Part No. - 49783

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
497 ZETEX-497 Datasheet
158Kb / 6P
SOT23 NPN silicon planar high voltage high performance transistor
logo
STMicroelectronics
497-11107-1 STMICROELECTRONICS-497-11107-1 Datasheet
130Kb / 12P
Standard 1A Triacs
14-Dec-2010
497-11108-2 STMICROELECTRONICS-497-11108-2 Datasheet
130Kb / 12P
Standard 1A Triacs
14-Dec-2010
497-11109-2 STMICROELECTRONICS-497-11109-2 Datasheet
130Kb / 12P
Standard 1A Triacs
14-Dec-2010
497-12120 STMICROELECTRONICS-497-12120 Datasheet
88Kb / 8P
4A TRIACS
31-Mar-2006
More results

Similar Description - 49783

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV7960 OMNIVISION-OV7960 Datasheet
1Mb / 2P
Superior Image Quality for Professional Grade CCTV Cameras
OV7962 OMNIVISION-OV7962 Datasheet
981Kb / 2P
Superior Image Quality for Professional Grade IP Cameras
logo
List of Unclassifed Man...
T2301 ETC1-T2301 Datasheet
473Kb / 9P
A range of professional quality tweezers
T0814 ETC1-T0814 Datasheet
162Kb / 4P
Professional quality Hacksaws and Junior Hacksaws
702-0400 ETC2-702-0400 Datasheet
415Kb / 1P
PROFESSIONAL QUALITY - PANEL SOCKET
5911 ETC2-5911 Datasheet
154Kb / 3P
Professional quality inspection mirrors
44521 ETC-44521 Datasheet
264Kb / 3P
Professional Quality ESD Tweezers ESD SAFE ??STATIC DISSIPATIVE ??HYPO ALLERGENIC COATED ??TEXTURED GRIPPING SURFACE
PH-1100K ETC2-PH-1100K Datasheet
231Kb / 6P
Compact Light Weight Easy-to-Use Professional Quality Heat Guns
logo
Kingston Technology Far...
MLPMR2 KINGSTON-MLPMR2 Datasheet
204Kb / 2P
CANVAS REACT PLUS microSD Creativity and Inspiration in Professional Quality
MLPR2 KINGSTON-MLPR2 Datasheet
179Kb / 2P
CANVAS REACT PLUS SD Creativity and Inspiration in Professional Quality
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com