Electronic Components Datasheet Search
  English  ▼

X  

E910.62 Datasheet(PDF) 2 Page - ELMOS Semiconductor AG

Part # E910.62
Description  DUAL CHANNEL PIR SIGNAL PROCESSOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

E910.62 Datasheet(HTML) 2 Page - ELMOS Semiconductor AG

  E910.62 Datasheet HTML 1Page - ELMOS Semiconductor AG E910.62 Datasheet HTML 2Page - ELMOS Semiconductor AG E910.62 Datasheet HTML 3Page - ELMOS Semiconductor AG E910.62 Datasheet HTML 4Page - ELMOS Semiconductor AG E910.62 Datasheet HTML 5Page - ELMOS Semiconductor AG E910.62 Datasheet HTML 6Page - ELMOS Semiconductor AG E910.62 Datasheet HTML 7Page - ELMOS Semiconductor AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2/7
ELMOS Semiconductor AG
Data Sheet
QM-No.: 25DS0090E.00
PRELIMINARY INFORMATION - JUL 28, 2011
This document contains information on a pre-production product. ELMOS Semiconductor AG reserves the right to change specifications and information herein without notice.
DUAL CHANNEL PIR SIGNAL PROCESSOR
E910.62
Electrical Characteristics_______________________________________
Absolute Maximum Ratings
Parameter
Symbol Min
Max
Unit
Remarks
Supply Voltage
VDD
-0.3
3.6
V
Current into any pin
-100
100
mA
One pin at a time
Storage Temperature
Tst
-45
125
°
C
Stresses beyond those listed above may cause permanent damage to the device. Exposure to absolute maximum ratings may affect
the device reliability.
ESD protection: all pins will be able to withstand a discharge of a 100pF capacitor charged to 1.6kV through a 1500Ω series resistor.
Test method: MIL-STD-883D method 3015.
Operating Conditions (T=25ºC, VDD=3Vunless stated otherwise)
Operating temperature range: -25 to +70°C
Parameter
Symbol Min
Typ
Max
Unit
Remarks
Supply
Supply voltage
VDD
2.7
3.3
3.6
V
Supply current
IDD
13.5
18
µA
VDD=3.3V
Digital DOCI interface
Input low voltage
VIL
20
%VDD
Input high voltage
VIH
80
%VDD
Pull down current
200
µA
IN/Out to VDD
Pull up current
130
µA
IN/Out to VSS
Input capacitance
5
pF
Data setup time
ts
2
1/FCLK
Data clock low time
tL
200
ns
Data clock high time
tH
200
ns
Data bit settling time
tbit
1
µs
CLOAD = 10pF
Serial Interface update time
TREP
512
1/FCLK
Analog Inputs PIR+, PIR-, Analog to Digital Converter
Input leakage
-1
1
fA
VIN = -10mV ..
+10mV
-50
50
mV
Differential
PIRIN input voltage range
-100
100
mV
Common Mode
ADC Resolution
14
Bits
Max Count = 2^14-1
ADC Sensitivity
6
6.5
7.1
µV/count
ADC Temperature Coefficient
-300
300
ppm/K
2.5
µV
@ 0.5Hz
1.5
µV
@ 1Hz
0.5
µV
@ 2Hz
RMS output noise referred to
input
0.4
µV
@ 5Hz
ADC Offset
7000
8192
9200
counts
Digital Filter Type & Cut off Freq.
F0
FCLK * 1.41 / 2048 / PI
Hz
2nd Order BW LPF
Digital Filter Sampling Freq.
FS
1/32
FCLK
DOCI Interrupt cycle
TI
512
1/ FCLK



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com