Electronic Components Datasheet Search
  English  ▼

X  

54148 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 54148
Description  Connectors for Copper Conductor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

54148 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  54148 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Connectors for Copper Conductor
Compression
One-Hole Lugs —
Standard Barrel
600V to 35KV
Material: High-Conductivity
Wrought Copper
Finish: Electro Tin Plate
WIRE SIZE
DIMENSIONS (IN.)
CAT. NO.
CODE
FLEX CLASS G, H, I, K, M
†
BOLT SIZE
A
B
C
D
E
F
DIE CODE
DIE COLOR
54101
1
⁄4
1.23
.56
.50
.05
.20
1
⁄4
ERG2002
YELLOW
256-30695-1351
#8
1.36
.68
.36
.05
.20
1
⁄4
ERG2002
YELLOW
256-30695-1352
#14-10 AWG
1
⁄4
1.36
.68
.41
.05
.20
1
⁄4
ERG2002
YELLOW
256-30695-263
1
⁄4
1.69
.81
.50
.07
.20
1
⁄4
ERG2002
YELLOW
54104
#10
1.16
.50
.39
.08
.25
7
⁄32
21
RED
54130
23 Navy
1
⁄4
1.20
.61
.45
.07
.25
1
⁄4
21
RED
54131
#8 AWG
#8 Weld
5
⁄16
1.33
.64
.56
.05
.25
9
⁄32
21
RED
54132
37/24 = 14.9 kcmil
3
⁄8
1.33
.64
.56
.05
.25
9
⁄32
21
RED
256-30695-424
1
⁄2
1.75
1.31
1.00
.13
.25
1
⁄2
21
RED
256-30695-1361
#12
1.23
.53
.44
.07
.31
7
⁄32
24
BLUE
54134
#10
1.23
.53
.44
.07
.31
7
⁄32
24
BLUE
54105
#30 Navy
1
⁄4
1.23
.53
.44
.07
.31
7
⁄32
24
BLUE
54135
#6 AWG
#6 Weld
5
⁄16
1.41
.67
.60
.07
.31
5
⁄16
24
BLUE
54136
61/24 = 24.6 kcmil
3
⁄8
1.41
.67
.60
.07
.31
5
⁄16
24
BLUE
256-30695-282
133/.014
3
⁄8
1.41
.75
.56
.06
.31
5
⁄16
24
BLUE
256-30695-422
1
⁄2
1.75
1.31
1.00
.13
.31
1
⁄2
24
BLUE
256-30695-1362
#12
1.38
.60
.55
.09
.37
1
⁄4
29
GRAY
54138
#10
1.38
.60
.55
.09
.37
1
⁄4
29
GRAY
54106
40-50 Navy
1
⁄4
1.38
.60
.55
.09
.37
1
⁄4
29
GRAY
54139
#4 AWG
91/24 = 36.7 kcmil
5
⁄16
1.42
.66
.61
.07
.37
5
⁄16
29
GRAY
54140
133/.0177
3
⁄8
1.42
.66
.61
.07
.37
5
⁄16
29
GRAY
256-30695-233
49/.029
3
⁄8
1.56
.75
.59
.06
.37
5
⁄16
29
GRAY
256-30695-264
1
⁄2
2.20
1.40
1.00
.06
.37
1
⁄2
29
GRAY
54107
1
⁄4
1.50
.65
.59
.11
.41
1
⁄4
33
BROWN
54142-TB
#60 Navy
5
⁄16
1.73
.88
.59
.11
.41
3
⁄8
33
BROWN
54143-TB
#2 AWG
125/24 = 50.5 kcmil
3
⁄8
1.65
.80
.59
.11
.41
3
⁄8
33
BROWN
54145-TB
#4 Weld
1
⁄2
1.92
1.08
.75
.08
.41
1
⁄2
33
BROWN
54108
75 Navy, #2 Weld
1
⁄4
1.50
.65
.68
.11
.47
1
⁄4
37
GREEN
54147
#1 AWG
150/24 = 60.5 kcmil
5
⁄16
1.73
.93
.68
.11
.47
3
⁄8
37
GREEN
54148
175/24 = 70.6 kcmil
3
⁄8
1.78
.98
.68
.11
.47
3
⁄8
37
GREEN
54150
133/.0223
1
⁄2
2.10
1.25
.76
.11
.47
1
⁄2
37
GREEN
54152-TB
1
⁄4
1.60
.65
.75
.13
.52
1
⁄4
42
PINK
54153-TB
#100 Navy
5
⁄16
1.83
.88
.75
.13
.52
3
⁄8
42
PINK
54109
1/0 AWG
#1 Weld
3
⁄8
1.88
.93
.75
.13
.52
3
⁄8
42
PINK
54155-TB
225/24 = 90.8 kcmil
1
⁄2
2.20
1.25
.75
.13
.52
1
⁄2
42
PINK
256-30695-1383
133/.0254
5
⁄8
2.54
1.50
.88
.13
.52
5
⁄8
42
PINK
54157
125 Navy
1
⁄4
1.65
.65
.83
.13
.57
1
⁄4
45
BLACK
54158
1/0 Weld
5
⁄16
1.88
.88
.83
.13
.57
3
⁄8
45
BLACK
54110
2/0 AWG
275/24 = 111 kcmil
3
⁄8
1.93
.93
.83
.13
.57
3
⁄8
45
BLACK
54160
427/.0155
1
⁄2
2.25
1.25
.83
.13
.57
1
⁄2
45
BLACK
256-30695-131
133/.0282
5
⁄8
2.56
1.50
.83
.13
.57
5
⁄8
45
BLACK
†
Contact Technical Services for specific stranding listings
Tooling: pp. B76–B92
Die Selector Chart: pp. B93–B95
Cable
Inspection
Hole
Bolt Size
E
C
F
A
D
B
Tongue Marking:
UL, CSA, T&B Logo and Cable Size
B-10
United States
Tel: 901.252.8000
800.816.7809
Fax: 901.252.1354
Canada
Tel: 450.347.5318
Fax: 450.347.1976
Technical Services
Tel: 888.862.3289
www.tnb.com
tnb06_wrtrm_secb_p10_11
8/9/07
10:43 AM
Page B-10


Similar Part No. - 54148

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
541480 FESTO-541480 Datasheet
85Kb / 1P
Input module
541482 FESTO-541482 Datasheet
88Kb / 1P
Output module
541484 FESTO-541484 Datasheet
88Kb / 1P
Analogue module
541486 FESTO-541486 Datasheet
89Kb / 2P
Analogue module
More results

Similar Description - 54148

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
54-720 ETC-54-720 Datasheet
269Kb / 1P
C-Tap Connectors for Copper Conductor
1344169 ETC2-1344169 Datasheet
95Kb / 2P
Tinned copper conductor, rubber insulated.
1344172 ETC2-1344172 Datasheet
96Kb / 2P
Tinned copper conductor, PVC insulation
1344194 ETC2-1344194 Datasheet
97Kb / 2P
Tinned copper conductor, PVC insulation.
1344843 ETC2-1344843 Datasheet
98Kb / 2P
Tinned copper conductor, PVC insulation
1346684 ETC2-1346684 Datasheet
92Kb / 2P
Tinned copper conductor, rubber insulation
1347078 ETC2-1347078 Datasheet
99Kb / 2P
Tinned copper conductor, PVC insulation
1347832 ETC2-1347832 Datasheet
96Kb / 2P
Tinned copper conductor, PVC insulation
1682738 ETC2-1682738 Datasheet
100Kb / 2P
Tinned copper conductor, PVC insulation
8868 ETC2-8868 Datasheet
96Kb / 2P
Tinned copper conductor, conductive polyethylene
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com