Electronic Components Datasheet Search
  English  ▼

X  

49382 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 49382
Description  Professional Quality Tweezers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

49382 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  49382 Datasheet HTML 1Page - List of Unclassifed Manufacturers 49382 Datasheet HTML 2Page - List of Unclassifed Manufacturers 49382 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.wihatools.com
Wiha Quality Tools
Germany
167
Item No.
Description
wt.
487 00
OO SA - 120mm
.08
Stainless steel, anti-magnetic and acid resistant.
Brushed finish tweezers made from Vommaloy.
Item No.
Description
wt.
491 84
AA - 130mm
.08
Carbon steel tweezers. Nickel-plated finish.
Universal Fine Points Tweezers
Item No.
Description
wt.
491 85
PSF - 125mm
.08
Carbon steel tweezers. Nickel-plated finish.
Blunt 1mm Wide Tip Serrated
Item No.
Description
wt.
492 84
AA S - 130mm
.08
Stainless steel tweezers. Natural finish.
Universal Fine Points Tweezers
Heavy Duty Strong Tweezers
Tapered To Strong Point
Item No.
Description
wt.
489 80
1 SA - 120mm
.08
Stainless steel, anti-magnetic and acid resistant.
Brushed finish tweezers made from Vommaloy.
General Purpose Fine Points
Item No.
Description
wt.
493 78
2a SA - 120mm
.07
Stainless steel, anti-magnetic and acid resistant.
Brushed finish tweezers made from Vommaloy.
Flat Round Tip Smooth Sides
Item No.
Description
wt.
493 77
5a SA - 110mm
.08
Stainless steel, anti-magnetic and acid resistant.
Brushed finish tweezers made from Vommaloy.
Fine Points Angled for Visibility
Item No.
Description
wt.
493 68
2ab SA - 120mm
.08
Stainless steel, anti-magnetic and acid resistant.
Brushed finish tweezers made from Vommaloy.
Flat Round Tip Bent 30O Smooth
Sides
Item No.
Description
wt.
493 75
7 SA - 120mm
.08
Stainless steel, anti-magnetic and acid resistant.
Brushed finish tweezers made from Vommaloy.
Angled Upward Extra Fine Tips
Item No.
Description
wt.
493 76
7a SA - 120mm
.07
Stainless steel, anti-magnetic and acid resistant.
Brushed finish tweezers made from Vommaloy.
Curved Extra Fine Tips
Item No.
Description
wt.
493 79
5 SA - 110mm
.07
Stainless steel, anti-magnetic and acid resistant.
Brushed finish tweezers made from Vommaloy.
Extra Fine Points & Tapered To Tip
Item No.
Description
wt.
493 80
4b SA - 110mm
.08
Stainless steel, anti-magnetic and acid resistant.
Brushed finish tweezers made from Vommaloy.
Very Fine Points Bent 40O
Tapered To Tip
Go To
Image Index
Go To
Numerical Index
I
N
D
E
X
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
PREVIOUS
NEXT



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com