Electronic Components Datasheet Search
  English  ▼

X  

CXT5401 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CXT5401
Description  SURFACE MOUNT PNP SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CXT5401 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CXT5401 Datasheet HTML 1Page - Central Semiconductor Corp CXT5401 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
160
V
Collector-Emitter Voltage
VCEO
150
V
Emitter-Base Voltage
VEBO
5.0
V
Collector Current
IC
500
mA
Power Dissipation
PD
1.2
W
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
104
°C/W
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=120V
50
nA
ICBO
VCB=120V, TA=100°C
50
µA
BVCBO
IC=100µA
160
V
BVCEO
IC=1.0mA
150
V
BVEBO
IE=10µA
5.0
V
VCE(SAT)
IC=10mA, IB=1.0mA
0.2
V
VCE(SAT)
IC=50mA, IB=5.0mA
0.5
V
VBE(SAT)
IC=10mA, IB=1.0mA
1.0
V
VBE(SAT)
IC=50mA, IB=5.0mA
1.0
V
hFE
VCE=5.0V, IC=1.0mA
50
hFE
VCE=5.0V, IC=10mA
60
240
hFE
VCE=5.0V, IC=50mA
50
fT
VCE=10V, IC=10mA, f=100MHz
100
300
MHz
Cob
VCB=10V, IE=0, f=1.0MHz
6.0
pF
hfe
VCE=10V, IC=1.0mA, f=1.0kHz
40
200
NF
VCE=5.0V, IC=200µA, RS=10Ω
f=10Hz to 15.7kHz
8.0
dB
CXT5401
SURFACE MOUNT
PNP SILICON TRANSISTOR
SOT-89 CASE
Central
Semiconductor Corp.
TM
R3 ( 20-December 2001)
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CXT5401
type is an PNP silicon transistor manufactured
bythe epitaxial planar process, epoxy molded in a
surface mount package, designed for high
voltage amplifier applications.


Similar Part No. - CXT5401

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
CXT5401 MCC-CXT5401 Datasheet
398Kb / 3P
PNP Plastic-Encapsulate Transistors
logo
Shenzhen Jin Yu Semicon...
CXT5401 HTSEMI-CXT5401 Datasheet
613Kb / 2P
TRANSISTOR (PNP)
logo
GUANGDONG HOTTECH INDUS...
CXT5401 HOTTECH-CXT5401 Datasheet
306Kb / 2P
Plastic-Encapsulate Transistors
logo
Galaxy Semi-Conductor H...
CXT5401 BILIN-CXT5401 Datasheet
167Kb / 3P
Surface Mount PNP Silicon Transistor
logo
Micro Commercial Compon...
CXT5401 MCC-CXT5401 Datasheet
459Kb / 3P
PNP Plastic-Encapsulate Transistors
More results

Similar Description - CXT5401

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
BCW61B CENTRAL-BCW61B Datasheet
125Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
CMLT591E CENTRAL-CMLT591E_10 Datasheet
511Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
CMPT2907A CENTRAL-CMPT2907A_10 Datasheet
328Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
CMPT5401 CENTRAL-CMPT5401_10 Datasheet
329Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
BC856 CENTRAL-BC856_10 Datasheet
331Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
BCW67 CENTRAL-BCW67 Datasheet
328Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
BCX71 CENTRAL-BCX71 Datasheet
329Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
CMPT7410 CENTRAL-CMPT7410_15 Datasheet
393Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
CMPT4209 CENTRAL-CMPT4209 Datasheet
330Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
CXT5401 BILIN-CXT5401 Datasheet
167Kb / 3P
Surface Mount PNP Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com