Electronic Components Datasheet Search
  English  ▼

X  

37090 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 37090
Description  Wiha TORX Tools Wiha TORX Plus Tools
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

37090 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  37090 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.wihatools.com
Wiha Quality Tools
Germany
29
Wiha
Tools
Screwdriver, With Flag Handle
Blade high alloy CVM steel, hardened, black finish.
Flag handle high quality plastic, impact resistant.
Item
No.
Size mm Inch
mm Inch
mm
Inch lbs. pkg.
370 13
T5
35
1.4
67
2.6
19.0
.75
.01 10
370 16
T6
35
1.4
67
2.6
19.0
.75
.01 10
370 19
T7
35
1.4
67
2.6
19.0
.75
.01 10
370 22
T8
40
1.6
72
2.8
19.0
.75
.01 10
370 26
T9
40
1.6
74
2.9
23.5
.93
.01 10
370 29
T10
40
1.6
74
2.9
23.5
.93
.01 10
370 32
T15
45
1.8
80
3.1
28.0
1.10 .02 10
370 36
T20
45
1.8
80
3.1
28.0
1.10 .02 10
Screwdriver, With Wing Handle
Blade high alloy CVM steel, hardened, black finish.
Wing handle high quality plastic, impact resistant.
Item
No.
Size mm
Inch mm Inch
mm
Inch lbs.
pkg.
365 10
T6
35
1.4
70
2.7
40
1.6
.02
10
365 12
T7
35
1.4
70
2.7
40
1.6
.02
10
365 15
T8
40
1.6
75
2.9
40
1.6
.02
10
365 20
T9
40
1.6
75
2.9
40
1.6
.02
10
365 25
T10
40
1.6
75
2.9
40
1.6
.02
10
365 30
T15
45
1.8
80
3.1
40
1.6
.02
10
365 35
T20
45
1.8
80
3.1
40
1.6
.02
10
Wing Handle
Set, 7 Pc. in Metal Stand
Set includes: T6, T7, T8, T9, T10, T15, T20
wt. .32
Flag Handle
Set, 7 Pc. in Metal Stand
Set includes: T6, T7, T8, T9, T10, T15, T20
wt. .31
370 90
370
365
365 90
Wing Handle
Set, 7 Pc.
Set includes: T6, T7, T8, T9, T10, T15, T20
wt. .16
365 91
Flag Handle
Set, 7 Pc.
Set includes: T6, T7, T8, T9, T10, T15, T20
wt. .14
370 91
Wiha
Tools
Ideal for use with indexable carbide
tooling and also for working in
confined spaces
Screwdriver, With Wing Handle
Blade high alloy CVM steel, hardened, black finish.
Wing handle high quality plastic, impact resistant.
Item
No.
Size mm
Inch mm Inch
mm
Inch lbs.
pkg.
365 40
IP5
35
1.4
70
2.7
40
1.6
.02
10
365 42
IP6
35
1.4
70
2.7
40
1.6
.02
10
365 44
IP7
35
1.4
70
2.7
40
1.6
.02
10
365 46
IP8
40
1.6
75
3.0
40
1.6
.02
10
365 48
IP9
40
1.6
75
3.0
40
1.6
.02
10
365 50
IP10 40
1.6
75
3.0
40
1.6
.02
10
365 52
IP15 45
1.8
80
3.1
40
1.6
.02
10
365 54
IP20 45
1.8
80
3.1
40
1.6
.02
10
365
Not for use in standard Torx fasteners
Not for use in standard
Torx fasteners
#36590
#36591
#37090
#37091
7 Pc. Wing
Handle Set In Metal Stand
Equipped with IP6, IP7, IP8, IP9,
IP10, IP15, IP20
Item
No.
lbs.
pkg.
365 92
.38
1
365 92
Screwdriver, With Flag Handle
Ideal for use with indexable carbide tooling and also for working
in confined spaces. Blade high alloy CVM steel, hardened, black finish.
Flag handle high quality plastic, impact resistant.
Item
No.
Size mm Inch
mm Inch
mm
Inch lbs. pkg.
370 40
IP5
35
1.4
67
2.6
19.0
.75
.01 10
370 42
IP6
35
1.4
67
2.6
19.0
.75
.01 10
370 44
IP7
35
1.4
67
2.6
19.0
.75
.01 10
370 46
IP8
40
1.6
72
2.8
19.0
.75
.01 10
370 48
IP9
40
1.6
74
2.9
23.5
.93
.01 10
370 50
IP10 40
1.6
74
2.9
23.5
.93
.01 10
370 52
IP15 45
1.8
80
3.1
28.0
1.10 .02 10
370 54
IP20 45
1.8
80
3.1
28.0
1.10 .02 10
370
Flag Handle
Set, 7 Pc. in Metal Stand
Set includes:
wt. .31
IP6, IP7, IP8, IP9, IP10, IP15, IP20
370 92
Ideal for use with indexable
carbide tooling and also for
working in confined spaces
Go To
Image Index
Go To
Numerical Index
I
N
D
E
X
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
PREVIOUS
NEXT


Similar Part No. - 37090

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
370902 MOLEX5-370902 Datasheet
218Kb / 2P
7.50mm (.295") Beau??Eurostyle??Pluggable PCB Terminal Block, 270째 Wire Entry, 2 Circuits
370902 MOLEX11-370902 Datasheet
45Kb / 1P
7.50mm Beau Eurostyle Pluggable PCB Terminal Block
370903 MOLEX5-370903 Datasheet
218Kb / 2P
7.50mm (.295") Beau??Eurostyle??Pluggable PCB Terminal Block, 270째 Wire Entry, 3 Circuits
370903 MOLEX11-370903 Datasheet
45Kb / 1P
7.50mm Beau Eurostyle Pluggable PCB Terminal Block
370904 MOLEX5-370904 Datasheet
218Kb / 2P
7.50mm (.295") Beau??Eurostyle??Pluggable PCB Terminal Block, 270째 Wire Entry, 4 Circuits
More results

Similar Description - 37090

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
20011 ETC2-20011 Datasheet
129Kb / 1P
Wiha Quality Tools
43622 ETC2-43622 Datasheet
163Kb / 1P
Wiha Quality Tools
44222 ETC2-44222 Datasheet
379Kb / 1P
Wiha Quality Tools
60213 ETC2-60213 Datasheet
191Kb / 1P
Wiha Quality Tools Wiha 3/8 Sockets & Sets
71201 ETC2-71201 Datasheet
470Kb / 2P
Wiha Quality Tools Toll Free: (800) 494-6104
74309 ETC2-74309 Datasheet
303Kb / 1P
Wiha Quality Tools Slotted Bits
76395 ETC2-76395 Datasheet
789Kb / 2P
Wiha Quality Tools Wiha Socket Sets On Molded Rails
80050 ETC2-80050 Datasheet
211Kb / 1P
Wiha Quality Tools Dead Blow and Sledge Hammers
33403 ETC2-33403 Datasheet
261Kb / 1P
Wiha T-handle Hex Tools
36442 ETC2-36442 Datasheet
226Kb / 1P
Wiha TORX T-handleWiha T-handle Wiha TORX Short Arm L-keys
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com