Electronic Components Datasheet Search
  English  ▼

X  

170M3391 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 170M3391
Description  Square Body . Flush End Contact
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

170M3391 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  170M3391 Datasheet HTML 1Page - List of Unclassifed Manufacturers 170M3391 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Form No.
Page 2 of 2
BIF Doc #720031
Bussmann®
The only controlled copy of this BIF document is the electronic read-only version located on the Bussmann Network Drive. All other copies of this document are by definition uncontrolled.
This bulletin is intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Bussmann reserves the right,
without notice, to change design or construction of any products and to discontinue or limit distribution of any products. Bussmann also reserves the right to change or update, without
notice, any technical information contained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
Square Body – Flush End Contact
1250V/1300V (IEC/U.L.)
50-1400A
Total Clearing I2t
The total clearing I
2t at rated voltage and
at power factor of 15% are given in the
electrical characteristics. For other volt-
ages, the clearing I
2t is found by multi-
plying by correction factor, K , given as
a function of applied working voltage,
Eg, (RMS).
Arc Voltage
This curve gives the peak arc voltage,
UL, which may appear across the fuse
during its operation as a function of the
applied working voltage, Eg, (RMS) at a
power factor of 15%.
Power Losses
Watts loss at rated current is given in
the electrical characteristics. The curve
allows the calculation of the power
losses at load currents lower than the
rated current . The correction factor, Kp ,
is given as a function of the RMS load
current, Ib , in % of the rated current .
Electrical Characteristics
A
B
D
E
E
H
G
F
Size
Type
A
B
D
E
F
F§
GH
1*
BKN + GKN/75
74
75
59
45
M8
fiΩ¡§∑ - 18 UNC-2B
5
Ø17
1*
BKN/80
80
81
59
45
M8
5
Ø17
1
BKN + GKN/75
74
75
69
53
M8
fiΩ¡§∑ - 18 UNC-2B
8
Ø20
1
BKN/80
80
81
69
53
M8
8
Ø20
2
BKN + GKN/75
74
75
77
61
M10
‹Ω•∑ - 16 UNC-2B
10
Ø24
2
BKN/80
80
81
77
61
M10
10
Ø24
2
BKN + GKN/90
80
91
77
61
M10
‹Ω•∑ - 16 UNC-2B
10
Ø24
3
BKN + GKN/75
74
76
92
76
M12
⁄Ω™∑ - 13 UNC-2B
10
Ø30
3
BKN/80
81
83
92
76
M12
10
Ø30
3
BKN + GKN/90
81
91
92
76
M12
⁄Ω™∑ - 13 UNC-2B
10
Ø30
§Valid for fuses type -GKN/-
Dimension in mm.
1mm = 0.0394∑
1∑ = 25.4mm
Dimensions
Flush End Contact: Type -BKN/-, -GKN/-
K
1.5
1.0
1.25
0.5
0.4
0.3
0.2
400
600
800
1000 1200
1400
E
g
UL
3
2.5
8
10
3
1.4
1.8
6
4
5
3
400
600
800
1000 1200 1400
E
g
Kp
30 40 50
60
70
80 90 100%
I
b
1.0
0.8
0.4
0.5
0.6
0.3
0.2
0.1
- - - - - -
Dashed lines apply to the following amperages:
Size
1*
1
2
3
Amp
400
500-630
630-1000
800-1400
®
7-11-01
SB01191
R
¥



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com