Electronic Components Datasheet Search
  English  ▼

X  

MRF559G Datasheet(PDF) 3 Page - Advanced Power Technology

Part # MRF559G
Description  RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MRF559G Datasheet(HTML) 3 Page - Advanced Power Technology

  MRF559G Datasheet HTML 1Page - Advanced Power Technology MRF559G Datasheet HTML 2Page - Advanced Power Technology MRF559G Datasheet HTML 3Page - Advanced Power Technology MRF559G Datasheet HTML 4Page - Advanced Power Technology MRF559G Datasheet HTML 5Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
MRF559
MRF559G
Rev A 9/2005
FUNCTIONAL
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
GPE
Power Gain
Test Circuit-Figure 1
Pout = 0.5 W, VCE =12.5Vdc
f = 870
MHz
f = 512
MHz
8.0
-
9.5
13
-
dB
η
Collector Efficiency
Test Circuit-Figure 1
Pout = 0.5 W, VCE =12.5Vdc
f = 870
MHz
f = 512
MHz
50
-
65
60
-
%
Typical Performance @ VCC = 7.5V
GPE
Power Gain
Test Circuit-Figure 1
Pout = 0.5 W, VCE =7.5Vdc
f = 870 MHz
f = 512
MHz
-
-
6.5
10
-
-
dB
η
Collector Efficiency
Test Circuit-Figure 1
Pout = 0.5 W, VCE =7.5Vdc
f = 870 MHz
f = 512
MHz
-
-
70
65
-
-
%
Figure 2. 870 MHz Test Fixture
C1, C2, C4, C5 — 1.0–10 pF Johanson
C3, C6 — 0.001
µF Chip Capacitor
C7 — 1.0
µF Tantalum
L1, L4 — 4 Turns #26 AWG, 0.3 cm ID, 0.4 cm Long
L2, L3 — Ferrite Bead
Z1 — 50
Ω 1.5 cm
Z2 — 30
Ω 2.5 cm
Z3 — 50
Ω 2.0 cm
Z4 — 50
Ω 1.2 cm
Z5, Z6 — 50
Ω 1.25 cm
Microstrip Elements —
ε r = 2.55



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com