Electronic Components Datasheet Search
  English  ▼

X  

MRF559 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # MRF559
Description  RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MRF559 Datasheet(HTML) 1 Page - Advanced Power Technology

  MRF559 Datasheet HTML 1Page - Advanced Power Technology MRF559 Datasheet HTML 2Page - Advanced Power Technology MRF559 Datasheet HTML 3Page - Advanced Power Technology MRF559 Datasheet HTML 4Page - Advanced Power Technology MRF559 Datasheet HTML 5Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
MRF559
MRF559G
Rev A 9/2005
* G Denotes RoHS Complaint, Pb Free Terminal Finish
DESCRIPTION: Designed primarily for wideband large signal stages in the UHF frequency range.
ABSOLUTE MAXIMUM RATINGS (Tcase = 25
°C)
Symbol
Parameter
Value
Unit
VCEO
Collector-Emitter Voltage
16
Vdc
VCBO
Collector-Base Voltage
30
Vdc
VEBO
Emitter-Base Voltage
3.0
Vdc
IC
Collector Current
150
mA
Thermal Data
P
D
Total Device Dissipation @ TC = 75ºC
Derate above 75ºC
2.0
20
Watts
mW/ ºC
Tstg
Storage Temperature Range
-65 to +150
ºC
Macro X
Features
•
Specified @ 12.5 V, 870 MHz Characteristics
•
Output Power = .5 W
•
Minimum Gain = 8.0 dB
•
Efficiency 50%
•
Cost Effective Macro X Package
•
Electroless Tin Plated Leads for Improved Solderability
RF & MICROWAVE DISCRETE
LOW POWER TRANSISTORS


Similar Part No. - MRF559

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MRF559 MICROSEMI-MRF559 Datasheet
208Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
More results

Similar Description - MRF559

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N6304 MICROSEMI-2N6304 Datasheet
86Kb / 4P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
BFR91 MICROSEMI-BFR91 Datasheet
170Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
BFY90 MICROSEMI-BFY90 Datasheet
84Kb / 4P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF559 MICROSEMI-MRF559 Datasheet
208Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF5812 MICROSEMI-MRF5812 Datasheet
173Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF5943 MICROSEMI-MRF5943 Datasheet
174Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
logo
Advanced Power Technolo...
BFR90 ADPOW-BFR90 Datasheet
120Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
BFR91 ADPOW-BFR91 Datasheet
120Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF581 ADPOW-MRF581 Datasheet
282Kb / 6P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF544 ADPOW-MRF544 Datasheet
302Kb / 4P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com