Electronic Components Datasheet Search
  English  ▼

X  

MSMLG11A Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MSMLG11A
Description  MSMLJ5.0A thru MSMLJ170CA, e3 and MSMLG5.0A thru MSMLG170CA, e3
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MSMLG11A Datasheet(HTML) 1 Page - Microsemi Corporation

  MSMLG11A Datasheet HTML 1Page - Microsemi Corporation MSMLG11A Datasheet HTML 2Page - Microsemi Corporation MSMLG11A Datasheet HTML 3Page - Microsemi Corporation MSMLG11A Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TECHNICAL DATA SHEET
Gort Road Business Park, Ennis, Co. Clare, Ireland.
6 Lake Street, Lawrence, MA 01841
Tel: +353 (0) 65 6840044, Fax: +353 (0) 65 6822298
Tel: 1-800-446-1158 / (978) 794-1666, Fax: (978) 6890803
Website: http://www.microsemi.com
SURFACE MOUNT 3000 Watt
Transient Voltage Suppressor
- High Reliability controlled devices
- Unidirectional (A) and Bidirectional (CA) construction
- Available in both J-bend and Gull-wing terminations
- Selections for 5.0 to 170 V standoff voltages (VWM)
DEVICES
MSMLJ5.0A thru MSMLJ170CA, e3
and MSMLG5.0A thru MSMLG170CA, e3
LEVELS
M, MA, MX, MXL
FEATURES
High reliability controlled devices with wafer fabrication and assembly lot traceability
100 % surge tested devices
Optional upscreening available by replacing the M prefix with MA, MX or MXL. These prefixes specify
various screening and conformance inspection options based on MIL-PRF-19500. Refer to MicroNote 129
for more details on the screening options.
Axial-lead equivalent packages for thru-hole mounting available as M5KP5.0A to M5KP110CA with 5000 W
rating, (consult factory for other surface mount options)
Moisture classification is Level 1 with no dry pack required per IPC/JEDEC J-STD-020B
RoHS compliant devices available by adding an “e3” suffix
3σ lot norm screening performed on Standby Current ID
APPLICATIONS / BENEFITS
Suppresses transients up to 3000 watts @ 10/1000 µs
Protection from switching transients and induced RF
Protection from ESD, and EFT per IEC 61000-4-2 and IEC 61000-4-4
Secondary lightning protection per IEC61000-4-5 with 42 Ohms source impedance:
o
Class 1 & 2: MSML5.0A to MSML 170ACA
o
Class 3: MSML5.0A to MSML150CA
o
Class 4: MSML5.0A to MSML75CA
Secondary lightning protection per IEC61000-4-5 with 12 Ohms source impedance:
o
Class 1: MSML5.0A to MSML170CA
o
Class 2: MSML5.0A to MSML90CA
o
Class 3: MSML5.0A to MSML48CA
o
Class 4: MSML5.0A to MSML24CA
Secondary lightning protection per IEC61000-4-5 with 2 Ohms source impedance:
o
Class 2: MSML5.0A to MSML43CA
o
Class 3: MSML5.0A to MSML22CA
o
Class 4: MSML5.0A to MSML10CA
MAXIMUM RATINGS
Peak Pulse Power dissipation at 25 ºC: 3000 watts at 10/1000 μs (also see Figures 1,2, and 3) with
impulse repetition rate (duty factor) of 0.01 % or less
tclamping (0 V to VBR min.): < 100 ps theoretical for unidirectional and < 5 ns for bidirectional
Operating and Storage temperature: -65 ºC to +150 ºC
Thermal resistance: 17.5 ºC/W junction to lead, or 77.5 ºC/W junction to ambient when mounted on FR4
PC board (1 oz Cu) with recommended footprint Steady-State Power dissipation: 6 watts at TL = 45 ºC, or
1.61 watts at TA = 25 ºC when mounted on FR4 PC board with recommended footprint (see page 2)
Forward Surge at 25 ºC: 200 Amps peak impulse of 8.3 ms half-sine wave (unidirectional only)
Solder temperatures: 260 ºC for 10 s (maximum)
Refer to table below
for dimensions
RF01003 Rev B, Sept 2011
High Reliability Product Group
Page 1 of 4


Similar Part No. - MSMLG11A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSMLG11A MICROSEMI-MSMLG11A Datasheet
281Kb / 4P
SURFACE MOUNT 3000 Watt Transient Voltage Suppressor
More results

Similar Description - MSMLG11A

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM7349 PMC-PM7349 Datasheet
56Kb / 2P
Quad J2, E3 and DS-3 Framer
logo
Dallas Semiconductor
DS3112 DALLAS-DS3112 Datasheet
585Kb / 135P
TEMPE T3/E3 Multiplexer 3.3V T3/E3 Framer and M13/E13/G.747 Mux
logo
Maxim Integrated Produc...
DS3112RD MAXIM-DS3112RD Datasheet
846Kb / 12P
DS3/E3 Multiplexer Reference Design
REV: 082103
logo
Exar Corporation
XRT7250 EXAR-XRT7250 Datasheet
5Mb / 463P
DS3/E3 FRAMER IC
logo
Pulse A Technitrol Comp...
PE-65661 PULSE-PE-65661 Datasheet
115Kb / 4P
T3/DS3/E3/STS-1 TRANSFORMERS Designed for T3, DS3, E3 and STS-1 Interfaces
logo
Maxim Integrated Produc...
DS3170 MAXIM-DS3170_11 Datasheet
2Mb / 230P
DS3/E3 Single-Chip Transceiver Single-Chip Transceiver for DS3 and E3
Rev 2; 3/11
logo
Pulse A Technitrol Comp...
PE-65967T PULSE-PE-65967T Datasheet
125Kb / 4P
T3/DS3/E3/STS-1 TRANSFORMERS Designed for T3, DS3, E3 and STS-1 Interfaces
logo
XFMRS Inc.
XF0506-20 XFMRS-XF0506-20_15 Datasheet
36Kb / 1P
T3/DS3/E3/STS-1
logo
Gamewell-FCI by Honeywe...
IF600-RETROFIT GAMEWELL-FCI-IF600-RETROFIT Datasheet
710Kb / 2P
Gamewell to E3 Series
logo
Maxim Integrated Produc...
DS3112 MAXIM-DS3112 Datasheet
2Mb / 133P
TEMPE T3/E3 Multiplexer 3.3V T3/E3 Framer and M13/E13/G.747 Mux
REV: 092706
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com