Electronic Components Datasheet Search
  English  ▼

X  

PD70F3526 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # PD70F3526
Description  OS Timer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD70F3526 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button PD70F3526 Datasheet HTML 2Page - Renesas Technology Corp PD70F3526 Datasheet HTML 3Page - Renesas Technology Corp PD70F3526 Datasheet HTML 4Page - Renesas Technology Corp PD70F3526 Datasheet HTML 5Page - Renesas Technology Corp PD70F3526 Datasheet HTML 6Page - Renesas Technology Corp PD70F3526 Datasheet HTML 7Page - Renesas Technology Corp PD70F3526 Datasheet HTML 8Page - Renesas Technology Corp PD70F3526 Datasheet HTML 9Page - Renesas Technology Corp PD70F3526 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CubeSuite+ Simulator for V850E2 supporting OS Timer V3.02.00
Release Note
R20UT2916EJ0100
Rev.1.00
Page 6 of 9
February 17, 2014
4.1.6 Instructions
The instructions (SYNCE/SYNCM/SYNCP) are not supported. If these were executed, the operation is same
as NOP execution.
4.1.7 Data flash
It is impossible to use data flash area. If CPU accesses this area, CPU breaks and error is happen.
4.1.8 Option byte storage register
The value of Option byte storage register "OPBT0" is always "0".
4.1.9 EH_RESET register function
EH_RESET register functions are not supported. In the case of a CPU reset, the reset address will always
be "0x0".
4.1.10 CPU clock frequency
The CPU clock frequency is the value which is specified with the [Main clock frequency] property.
4.1.11 Execution clock
The number of execution clocks of each instruction will be the number of execution clocks when another
instruction is executed immediately after that instruction is executed.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com