Electronic Components Datasheet Search
  English  ▼

X  

2SC3320 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 2SC3320
Description  HIGH VOLTAGE HIGH SPEED SWITCHING
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC3320 Datasheet(HTML) 4 Page - Unisonic Technologies

  2SC3320_14 Datasheet HTML 1Page - Unisonic Technologies 2SC3320_14 Datasheet HTML 2Page - Unisonic Technologies 2SC3320_14 Datasheet HTML 3Page - Unisonic Technologies 2SC3320_14 Datasheet HTML 4Page - Unisonic Technologies 2SC3320_14 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SC3320
NPN EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R214-008.E
TYPICAL CHARACTERISTICS
0.05 0.1
0.3 0.5
510
20
Base and Collector Saturation Voltage
0.01
0.03
0.05
0.1
0.3
0.5
1
3
TC=25℃IC=5IB
VBE(SAT)
VCE(SAT)
3
1
4
500
Safe Operating Area
0.03
0.1
TC=25℃
Single Pulse
DC
PW=1ms
300
100
50
30
10
5
3
1
0.05
0.3
0.5
1
3
5
10
30
1000
10
s
Collector Current, IC (A)
Collector Emitter voltage, VCE (V)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com