Electronic Components Datasheet Search
  English  ▼

X  

13285 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 13285
Description  STATSHIELD BAG, SHIELDING, METAL-OUT CONSTRUCTION, ZIPPER, .0030" (.0762mm)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

13285 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  13285 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCO WEST: 3651 WALNUT AVE., CHINO, CA 91710 WEB SITE: Desco.com
PHONE (909) 627-8178
DESCO EAST: ONE COLGATE WAY, CANTON, MA 02021-1407
PHONE (781) 821-8370
DRAWING
NUMBER
13205
DATE:
October
2013
STATSHIELD® BAG, SHIELDING, METAL-OUT CONSTRUCTION, ZIPPER, .0030" (.0762mm)
© 2013 DESCO INDUSTRIES INC.
Employee Owned
Low Charging
Zipper
Side Weld Seals 3/8 in. (±0.10)
STATSHIELD® METAL-OUT SERIES
Meets the required limits of ANSI/ESD S20.20, Packaging standard ANSI/ESD S541, and Static
Control Bag standard ANSI/ESD S11.4-2012 Level 3.
Specifications:
Electrical Properties
Typical Values
Test Procedures/Method
Surface Resistance:
Outer Surface
< 1 x 108 ohms
ANSI/ESD STM11.11
  Inner Surface 
≥ 1 x 104 to < 1 x 1011 ohms
ANSI/ESD STM11.11
Static Shielding
<20 nJ
ANSI/ESD STM11.31, EIA 541
Charge Generation (nC/in2)
Teflon: -0.03
Modified Incline Plane
Quartz: +0.10
Modified Incline Plane
Capacitance Probe (to dissipate 1 KV) <30 volts
ANSI/EIA-541/Appendix E, 1 kV Discharge
Physical Properties:
Bag Thickness:
Thickness
Nominal .0030" (.0762mm) ±10%
MIL-STD-3010, 1003
Width (Inside Dimensions)
Nominal -0" / + .125"
Length (Inside Dimensions)
Nominal ± .125"
Light Transmission
40% (Tobias)
ASTM D-1003
Tensile
9000 PSI
ASTM D882
Puncture Resistance
>10 lbs
MIL-STD-3010, 2065
MVTR
0.40
ASTM F-1249
Heat Seal
>10 lbs/in.
375°F, 1/2 sec 60 psi
Outgassing
Pass
ASTM E595
Non-corrosive
Pass
MIL-STD-3010, M3005
Chemical Properties
Corrosion:
No effect on aluminum, copper, silver, Sn-Pb coated foil,
stainless steel, low carbon steel
Polycarbonate compatible:
Contains no Amines, Amides, or N-Octanoic Acid
.
Bag is free of amines, N-octanoic acid, silicones, and heavy metals.
Specifications and procedures subject to change without notice.
Date & Lot Code
Printed for QC
Traceablility
High Performance Static
Dissipative Abrasion
Resistant Coating
Aluminum
Shielding Layer
Low Charging Static
Dissipative Proprietary
Polyester Layer
Low Charging Static
Dissipative Proprietary
Inner Polyethylene Layer
Statshield® bags are packaged 100 per package in an oversized shielding bag.
See Shielding Bag Storage at TB-7057.
Made in the
United States of America
Statshield® and Statfree® are Registered Trademarks of Desco Industries Inc.
See Bag Selection Chart Click HERE.
RoHS 2 and REACH Statement
None of the RoHS 2 restricted materials or REACH substances of very high concern as of
2012/12/19 are intentionally added in manufacturing this product. Ref: European Union Directive
2011/65/EU and Regulation (EC) No. 1907/2006/CE. See Desco Limited Warranty at Desco.com.
ANSI/ESD S541 Section 6.2 Outside an EPA
“Transportation of sensitive products outside of an EPA shall require packaging that provides:
1. Low charge generation
2. Dissipative or conductive materials for intimate contact
3. A structure that provides electrostatic discharge shielding.”
Mixed Unsortable Plastic Scrap
Mixed unsortable plastic scrap shall contain assorted plastics
of multiple grades that are co-extruded, bonded or laminated
together which are unsortable into individual grades
Desco’s bags are recyclable
7


Similar Part No. - 13285

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
13285 ETC-13285 Datasheet
163Kb / 1P
Heyco짰 Nytye짰 Push Mount Nylon Cable Ties
logo
Heyco.
13285 HEYCO-13285 Datasheet
189Kb / 1P
Nytye® Push Mount Nylon Cable Ties
logo
Winchester Electronics ...
1328505 WINCHESTER-1328505 Datasheet
378Kb / 6P
Between Series Adapters
logo
Heyco.
13285B HEYCO-13285B Datasheet
189Kb / 1P
Nytye® Push Mount Nylon Cable Ties
More results

Similar Description - 13285

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
13080 ETC2-13080 Datasheet
149Kb / 1P
STATSHIELD BAG, SHIELDING, METAL-OUT CONSTRUCTION, .0030 (.0762mm)
13506 ETC2-13506 Datasheet
146Kb / 1P
STATSHIELD BAG, SHIELDING, METAL-IN CONSTRUCTION, .0030 (.0762mm)
13616 ETC2-13616 Datasheet
225Kb / 1P
STATSHIELD BAG, SHIELDING, METAL-IN CONSTRUCTION, ZIPPER, .0030 (.0762mm)
13090 ETC2-13090 Datasheet
149Kb / 1P
STATSHIELD BAG, SHIELDING, METAL-OUT CONSTRUCTION, .0030" (.0762mm)
13305 ETC2-13305 Datasheet
144Kb / 1P
STATSHIELD BAG, SHIELDING, METAL-OUT CONSTRUCTION, ZIPPER, .0030" (.0762mm)
13445 ETC2-13445 Datasheet
146Kb / 1P
STATSHIELD BAG, SHIELDING, METAL-IN CONSTRUCTION, .0030" (.0762mm)
13475 ETC2-13475 Datasheet
146Kb / 1P
STATSHIELD BAG, SHIELDING, METAL-IN CONSTRUCTION, .0030" (.0762mm)
13510 ETC2-13510 Datasheet
146Kb / 1P
STATSHIELD BAG, SHIELDING, METAL-IN CONSTRUCTION, .0030" (.0762mm)
13530 ETC2-13530 Datasheet
146Kb / 1P
STATSHIELD BAG, SHIELDING, METAL-IN CONSTRUCTION, .0030" (.0762mm)
12789 ETC2-12789 Datasheet
171Kb / 1P
STATSHIELD METAL-IN SERIES LEAD-FREE AREA ESD SHIELDING BAG
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com