Electronic Components Datasheet Search
  English  ▼

X  

278R05 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 278R05
Description  4 TERMINAL 2A OUTPUT LOW DROP VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

278R05 Datasheet(HTML) 1 Page - Unisonic Technologies

  278R05 Datasheet HTML 1Page - Unisonic Technologies 278R05 Datasheet HTML 2Page - Unisonic Technologies 278R05 Datasheet HTML 3Page - Unisonic Technologies 278R05 Datasheet HTML 4Page - Unisonic Technologies 278R05 Datasheet HTML 5Page - Unisonic Technologies 278R05 Datasheet HTML 6Page - Unisonic Technologies 278R05 Datasheet HTML 7Page - Unisonic Technologies 278R05 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
278RXX
LINEAR INTEGRATED CIRCUIT
4 TERMINAL 2A OUTPUT
LOW DROP VOLTAGE
REGULATOR
DESCRIPTION
The UTC 278RXX Series are Low Drop Voltage Regulator
suitable for various electronic equipments.
It provides constant voltage power source with TO-220F-4
terminal lead full molded PKG. The Regulator has multi function
such as over current protection, overheat protection and ON/OFF
control.
FEATURES
* 2.0A Output Low Drop Voltage Regulator.
* Built in ON/OFF Control Terminal.
* Built in Over Current Protection, Over Heat Protection Function.
TO-220F-4
1
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
278RXXL-TF4-T
278RXXG-TF4-T
TO-220F-4
Tube
Note: xx: Output Voltage, refer to Marking Information.
www.unisonic.com.tw
1 of 8
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R102-048.B


Similar Part No. - 278R05

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
278R12 KEC-278R12 Datasheet
118Kb / 7P
BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL 2A OUTPUT LOW DROP VOLTAGE REGULATOR)
logo
Unisonic Technologies
278R15 UTC-278R15 Datasheet
341Kb / 8P
4 TERMINAL 2A OUTPUT LOW DROP VOLTAGE REGULATOR
logo
ON Semiconductor
278RA05 ONSEMI-278RA05 Datasheet
344Kb / 18P
2 A Output Low Dropout Voltage Regulators
July 2013 Rev. 1.1.0
logo
Unisonic Technologies
278RXX UTC-278RXX Datasheet
257Kb / 8P
4 TERMINAL 2A OUTPUT LOW DROP VOLTAGE REGULATOR
278RXX UTC-278RXX Datasheet
341Kb / 8P
4 TERMINAL 2A OUTPUT LOW DROP VOLTAGE REGULATOR
More results

Similar Description - 278R05

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA278R05PI KEC-KIA278R05PI Datasheet
118Kb / 7P
BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL 2A OUTPUT LOW DROP VOLTAGE REGULATOR)
KIA278R25PI KEC-KIA278R25PI Datasheet
97Kb / 5P
BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL 2A OUTPUT LOW DROP VOLTAGE REGULATOR)
logo
AUK corp
S52XXM AUK-S52XXM Datasheet
365Kb / 6P
Low Drop Output Voltage Regulator
S5225M AUK-S5225M Datasheet
427Kb / 7P
Low Drop Output Voltage Regulator
S78DL05F AUK-S78DL05F_06 Datasheet
219Kb / 3P
Low Drop output Voltage Regulator
S78DL05L AUK-S78DL05L_07 Datasheet
159Kb / 4P
Low Drop output Voltage Regulator
S78DL33L AUK-S78DL33L_07 Datasheet
155Kb / 4P
Low Drop output Voltage Regulator
logo
Unisonic Technologies
378R33 UTC-378R33 Datasheet
200Kb / 9P
4 TERMINAL 2A OUTPUT LOW DROP VOLTAGE REGULATOR
278RXX UTC-278RXX Datasheet
257Kb / 8P
4 TERMINAL 2A OUTPUT LOW DROP VOLTAGE REGULATOR
378RXX UTC-378RXX Datasheet
225Kb / 8P
4 TERMINAL 3A OUTPUT LOW DROP VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com