Electronic Components Datasheet Search
  English  ▼

X  

378R33 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 378R33
Description  4 TERMINAL 2A OUTPUT LOW DROP VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

378R33 Datasheet(HTML) 4 Page - Unisonic Technologies

  378R33 Datasheet HTML 1Page - Unisonic Technologies 378R33 Datasheet HTML 2Page - Unisonic Technologies 378R33 Datasheet HTML 3Page - Unisonic Technologies 378R33 Datasheet HTML 4Page - Unisonic Technologies 378R33 Datasheet HTML 5Page - Unisonic Technologies 378R33 Datasheet HTML 6Page - Unisonic Technologies 378R33 Datasheet HTML 7Page - Unisonic Technologies 378R33 Datasheet HTML 8Page - Unisonic Technologies 378R33 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
378RXX
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 9
www.unisonic.com.tw
QW-R102-049.a
ABSOLUTE MAXIMUM RATING (TA = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
REMARK
Input Voltage
VIN
35
V
ON/OFF Control Voltage
VC
35
V
Output Current
IO
3
A
Power Dissipation 1
PD1
1.5
W
No heatsink
Power Dissipation 2
PD2
15
W
with heatsink
Junction Temperature
TJ
125
°C
Operating Temperature
TOPR
-20~80
°C
Storage Temperature
TSTG
-30~125
°C
Soldering Temperature (10sec)
TSOL
260
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, IO=1.0A, TA = 25°C, unless otherwise specified)
For 378R33 (VIN=5V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VO
3.201
3.3
3.399
V
Load Regulation
Reg Load
IO=5mA~3A
0.1
2.0
%
Line Regulation
Reg Line
VIN=6~12V
0.5
2.5
%
Temperature Coefficient of Output Voltage
TC VO
TJ=0~125°C
±
0.02 ±0.05
%/°C
Ripple Rejection
R·R
45
55
dB
Drop Out Voltage (Note)
VD
IO=3A
0.8
V
Output ON State for Control Voltage
VC(ON)
2.0
V
Output ON State for Control Current
IC(ON)
VC=2.7V
20
μA
Output OFF State for Control Voltage
VC(OFF)
0.8
V
Output OFF State for Control Current
IC(OFF)
VC=0.4V
-0.4
mA
Quiescent Current
IQ
IO=0
10
mA
For 378R05 (VIN=7V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VO
4.88
5.0
5.12
V
Load Regulation
Reg Load
IO=5mA~3A
0.1
2.0
%
Line Regulation
Reg Line
VIN=6~12V
0.5
2.5
%
Temperature Coefficient of Output Voltage
TC VO
TJ=0~125°C
±
0.02 ±0.05
%/°C
Ripple Rejection
R·R
45
55
dB
Drop Out Voltage (Note)
VD
IO=3A
0.8
V
Output ON State for Control Voltage
VC(ON)
2.0
V
Output ON State for Control Current
IC(ON)
VC=2.7V
20
μA
Output OFF State for Control Voltage
VC(OFF)
0.8
V
Output OFF State for Control Current
IC(OFF)
VC=0.4V
-0.4
mA
Quiescent Current
IQ
IO=0
10
mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com