Electronic Components Datasheet Search
  English  ▼

X  

51986 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 51986
Description  COPALUM Terminals and Splices (For Solid & Stranded Aluminum or Copper Wire)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

51986 Datasheet(HTML) 3 Page - Tyco Electronics

  51986 Datasheet HTML 1Page - Tyco Electronics 51986 Datasheet HTML 2Page - Tyco Electronics 51986 Datasheet HTML 3Page - Tyco Electronics 51986 Datasheet HTML 4Page - Tyco Electronics 51986 Datasheet HTML 5Page - Tyco Electronics 51986 Datasheet HTML 6Page - Tyco Electronics 51986 Datasheet HTML 7Page - Tyco Electronics 51986 Datasheet HTML 8Page - Tyco Electronics 51986 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Catalog 82020
Revised 11-02
3
COPALUM Terminals and Splices
(For Solid & Stranded Aluminum or Copper Wire)
Dimensions are in inches and
Dimensions are shown for
Technical Support
www.tycoelectronics.com
millimeters unless otherwise
reference purposes only.
USA: 1-800-522-6752
specified. Values in brackets
Specifications subject to change.
Canada: 1-905-475-6222
are metric equivalents.
Mexico: 01-800-733-8926
The insulation piercing crimp technique uses its specific crimp configuration and the per-
forated design of the terminal or splice liner to break down the film insulation and establish
an electrical interface between the conductor and terminal or splice body. During crimping,
the film insulated conductor is extruded into the perforated liner, causing the film insulation
to be sheared. This produces a hermetically sealed interface between the connector and
the body of the terminal or splice. An adequate surface contact area is achieved due to
the high density hole pattern of the liner. Because of the hermetic seal, products using the
insulation piercing crimp can be exposed to the gaseous and oil environments found in oil
and air cooled transformers or air and Freon cooled motors.
A secondary crimp section provides the mechanical properties of the termination (tensile
strength, vibration, resistance, flex life, etc.). This secondary crimp flanks the electrical
crimp, establishing optimum mechanical characteristics on both sides of the electrical
crimp. Such a crimp design permits either parallel, butt or pigtail splicing. The crimp
design also allows solid copper, solid aluminum and stranded copper to be terminated in
the same wire barrel if certain restriction regarding size, number and total CMA of conduc-
tors being terminated are observed as follows:
1. In a solid (or combination of solids) aluminum and stranded copper application, the
maximum amount of CMA fill for the copper conductor should not exceed 40% of the
total CMA being crimped.
2. Up to a maximum of 10 equal size round conductors may be crimped without insulation
removal.
3. Up to a maximum of 6 equal square conductors may be crimped without insulation
removal.
4. Four rectangular conductors where T
≥ 1/4W or 2 rectangular conductors where
T
≤ 1/4W may be crimped without insulation removal.
5. Due to the physical size limitations of the wire barrel, it may not be possible for a partic-
ular CMA loading to physically fit in the normally recommended connector. In these
instances where 7 or more equal round conductors or a combination of solid aluminum
and stranded copper is used, and the total CMA is at least 50% of the maximum CMA
of the next larger size connector, this larger size connector may be used with its appro-
priate crimping die.
6. When crimping different size solid conductors, size should not vary by more than 1 wire
gauge, and preferably by no more than 1/2 wire gauge.
Tooling available for terminating COPALUM terminals and splices using the insulation
piercing crimp includes the DYNA-CRIMP tool for wire sizes 8 through 4/0 AWG [8 through
105 mm2], pneumatic tooling for wire sizes 16-14 through 6 AWG [1.25-2 through 15 mm2]
and manually operated hand tools for wire sizes 16-14 AWG [1.25-2 mm2] and 12-10 AWG
[2-6 mm2].
The Insulation
Piercing Crimp
Technical Documents
Test Reports:
110-13506
Product Specification:
108-13013
Application Specification:
114-02121
Warning: Not approved for reconnection of residential aluminum
branch circuit wiring. (Refer to Catalog #82205.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com