Electronic Components Datasheet Search
  English  ▼

X  

RL78G10 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # RL78G10
Description  MPU/MCU
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RL78G10 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button RL78G10 Datasheet HTML 5Page - Renesas Technology Corp RL78G10 Datasheet HTML 6Page - Renesas Technology Corp RL78G10 Datasheet HTML 7Page - Renesas Technology Corp RL78G10 Datasheet HTML 8Page - Renesas Technology Corp RL78G10 Datasheet HTML 9Page - Renesas Technology Corp RL78G10 Datasheet HTML 10Page - Renesas Technology Corp RL78G10 Datasheet HTML 11Page - Renesas Technology Corp RL78G10 Datasheet HTML 12Page - Renesas Technology Corp RL78G10 Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
RENESAS TECHNICAL UPDATE TN-RL*-A023A/E
Date:
Feb. 6,2014
(c) 2014. Renesas Electronics Corporation. All rights reserved.
Page 13 of 13
10. 24. 6. 4 Data retention power supply voltage characteristics (Page 568)
This shows the specifications changed in the ELECTRICAL SPECIFICATIONS of
10-pin products. The ELECTRICAL SPECIFICATIONS of “Flash ROM: 4 KB of
10-pin products and 16-pin products” will be made for the next revision of the
User’s Manual: Hardware.
Old:
24.6.4 Data retention power supply voltage characteristics
(TA = 40 to +85C, Vss = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Data retention power
supply voltage range
VDDDR
1.9
5.5
V
Caution Data is retained until the power supply voltage becomes under the
minimum value of the data retention power supply voltage range. Note that
data in the RAM and RESF registers might not be cleared even if the power
supply voltage becomes under the minimum value of the data retention
power supply voltage range.
New:
24.6.6 Data retention power supply voltage characteristics
(TA = 40 to +85C, VSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Data retention power
supply voltage
VDDDR
1.9
5.5
V
Caution Data in the RESF register is retained until the power supply voltage
becomes under the minimum value of the data retention power supply
voltage (VDDDR). Note that data in the RESF register might not be cleared
even if the power supply voltage becomes under the minimum value of the
data retention power supply voltage (VDDDR).
Normal operation
SPOR reset period
Normal operation
(Data retention mode)
VDD
VDDDR
Rising of VSPOR
Falling of VSPOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com