Electronic Components Datasheet Search
  English  ▼

X  

52568 Datasheet(PDF) 7 Page - Tyco Electronics

Part # 52568
Description  COPALUM Terminals and Splices (For Solid & Stranded Aluminum or Copper Wire)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

52568 Datasheet(HTML) 7 Page - Tyco Electronics

Back Button 52568 Datasheet HTML 3Page - Tyco Electronics 52568 Datasheet HTML 4Page - Tyco Electronics 52568 Datasheet HTML 5Page - Tyco Electronics 52568 Datasheet HTML 6Page - Tyco Electronics 52568 Datasheet HTML 7Page - Tyco Electronics 52568 Datasheet HTML 8Page - Tyco Electronics 52568 Datasheet HTML 9Page - Tyco Electronics 52568 Datasheet HTML 10Page - Tyco Electronics 52568 Datasheet HTML 11Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Wire Size
Dim.
Part Numbers
[mm2]
L
Heads for
Tooling for
Circular MIls
Max.
Pneumatic Tools*
Power Unit 69120*
Splice
Aluminum
Copper
6-26
69015
68068
Head
Die Insert*
8
12-10
1.195
—
68032
68105
69099
68043
51826
[8.0]
[5.0]
30.35
1320369-1**
68081
68101,68192-1
68084
13100-20800
5180-13100
6
8
1.340
69999
68106
69099
68044
51941
[14]
[8.0]
34.04
—
68082
68102
68085
20800-33100
13100-20800
4
6
1.630
69099
68045
51942
[21]
[14]
41.4
—
68038
—
68086
33100-52600
20800-33100
—
2
4
1.995
69099
68046
52007
[35]
[21]
50.67
—
—
—
68130
52600-83700
33100-52600
1/0
2
1.985
69099
68047
52010
[50]
[35]
50.42
—
—
—
68131
83700-119500
52600-83700
2/0
1/0
1.985
69099
68048
52013
[70]
[50]
50.42
—
—
—
68132
119500-150500
83700-119500
3/0
2/0
1.985
69099
68049
52016
[85]
[70]
50.42
—
—
—
68133
150500-190000
119500-150500
4/0
3/0
—
[105]
[85]
1.985
—
—
—
69099
318106-1
52019
190000-231000
150500-190000
50.42
69082
68050
68129
*First (top) part numbers denote crimp bar tooling. Second (bottom) part numbers denote insulation piercing crimp tooling.
**Requires Hand Actuated Power Unit Part No. 189721-2 or Foot Actuated Power Unit Part No. 189722-2.
Catalog 82020
Revised 11-02
Butt Splices
7
COPALUM Terminals and Splices
(For Solid & Stranded Aluminum or Copper Wire)
Dimensions are in inches and
Dimensions are shown for
Technical Support
www.tycoelectronics.com
millimeters unless otherwise
reference purposes only.
USA: 1-800-522-6752
specified. Values in brackets
Specifications subject to change.
Canada: 1-905-475-6222
are metric equivalents.
Mexico: 01-800-733-8926
Wire Size Range:
Aluminum – AWG 16 to 10
[1.25 to 5.0 mm2], CMA 2,050 to 13,100
Copper – AWG 18 to 12
[0.8 to 3 mm2], CMA 1,290 to 8,230
Wire Size Range:
Aluminum – AWG 8 to 4/0
[8.0 to 105 mm2], CMA 13,100 to 231,000
Copper – AWG 12 to 3/0
[5.0 to 85 mm2], CMA 5,180 to 190,000
Wire Size
Dim.
Part Numbers
[mm2]
L
Hand*
Heads for
Circular Mils
Max.
Tool
Pneumatic Tools*
Splice
Aluminum
Copper
6-26
68068
16-14
18-16
.701
68041-1
—
68104
52001
[1.25]
[0.8]
17.81
68140-1
189447-1
68100
2050-5180
1290-3260
12-10
14-12
.799
68042-1
—
68104,68105
52004
[5.0]
[3.0]
20.29
68141-1
189444-1
68100,68101
5180-13100
3260-8230
*First (top) part numbers denote crimp bar tooling. Second (bottom) part numbers denote insulation piercing crimp tooling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com