Electronic Components Datasheet Search
  English  ▼

X  

MMPQ6502 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # MMPQ6502
Description  SURFACE MOUNT COMPLEMENTARY SILICON QUAD TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

MMPQ6502 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  MMPQ6502 Datasheet HTML 1Page - Central Semiconductor Corp MMPQ6502 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION:
The CENTRAL SEMICONDUCTOR MMPQ6502,
consisting of two complementary pairs of
transistors, available in the SOIC-16 surface
mount package, is designed for general purpose
amplifier and switching applications.
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
30
V
Emitter-Base Voltage
VEBO
5.0
V
Continuous Collector Current
IC
1.0
A
Power Dissipation
PD
1000
mW
Operating and Storage
Junction Temperature
TJ,Tstg
-55 to +150
°C
Thermal Resistance (Total Package)
ΘJA
125
°C/W
Thermal Resistance (Each Transistor)
ΘJA
240
°C/W
ELECTRICAL CHARACTERISTICS: (TC=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ICBO
VCB=50V
30
nA
IEBO
VBE=3.0V
30
nA
BVCBO
IC=10µA
60
V
BVCEO
IC=10mA
30
V
BVEBO
IE=10µA
5.0
V
VCE(SAT)
IC=150mA, IB=15mA
0.4
V
VCE(SAT)
IC=300mA, IB=30mA
1.4
V
VBE(SAT)
IC=150mA, IB=15mA
1.3
V
VBE(SAT)
IC=300mA, IB=30 mA
2.0
V
hFE
VCE=10V, IC=1.0mA
50
hFE
VCE=10V, IC=10mA
75
hFE
VCE=10V, IC=150mA
100
hFE
VCE=10V, IC=300mA
30
fT
VCE=20V, IC=50mA, f=100MHz
200
MHz
Cib
VBE=2.0V, f=1.0MHz
30
pF
Cob
VCB=10V, f=1.0MHz
8.0
pF
MMPQ6502
SURFACE MOUNT
COMPLEMENTARY
SILICON QUAD TRANSISTOR
SOIC-16 CASE
Central
Semiconductor Corp.
TM
R0 ( 7-November 2001)


Similar Part No. - MMPQ6502

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MMPQ6502 FAIRCHILD-MMPQ6502 Datasheet
195Kb / 6P
Quad NPN & PNP General Purpose Amplifier
More results

Similar Description - MMPQ6502

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
MMPQ6700 CENTRAL-MMPQ6700 Datasheet
140Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON QUAD TRANSISTORS
CMXT3946 CENTRAL-CMXT3946 Datasheet
92Kb / 2P
SURFACE MOUNT SUPERmin DUAL COMPLEMENTARY SILICON TRANSISTOR
CZT305 CENTRAL-CZT305 Datasheet
74Kb / 2P
2.0W SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTOR
CZTA42 CENTRAL-CZTA42 Datasheet
72Kb / 2P
SURFACE MOUNT COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTOR
CMST3904 CENTRAL-CMST3904 Datasheet
118Kb / 2P
SURFACE MOUNT SUPERmini COMPLEMENTARY SILICON TRANSISTOR
CMXT2207 CENTRAL-CMXT2207 Datasheet
94Kb / 2P
SURFACE MOUNT SUPERmini DUAL COMPLEMENTARY SILICON TRANSISTOR
CMLT4413 CENTRAL-CMLT4413 Datasheet
584Kb / 2P
SURFACE MOUNT COMPLEMENTARY NPN/PNP SILICON TRANSISTOR
CMNT3904E CENTRAL-CMNT3904E_10 Datasheet
369Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTOR
CMNT3904E CENTRAL-CMNT3904E_15 Datasheet
369Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTOR
MPQ6700 CENTRAL-MPQ6700_15 Datasheet
1Mb / 4P
SILICON COMPLEMENTARY QUAD TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com