Electronic Components Datasheet Search
  English  ▼

X  

LR2126 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # LR2126
Description  1A FAST ULTRA LOW DROPOUT LINEAR REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR2126 Datasheet(HTML) 5 Page - Unisonic Technologies

  LR2126 Datasheet HTML 1Page - Unisonic Technologies LR2126 Datasheet HTML 2Page - Unisonic Technologies LR2126 Datasheet HTML 3Page - Unisonic Technologies LR2126 Datasheet HTML 4Page - Unisonic Technologies LR2126 Datasheet HTML 5Page - Unisonic Technologies LR2126 Datasheet HTML 6Page - Unisonic Technologies LR2126 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
LR2126
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R502-A60.A
ELECTRICAL CHARACTERISTICS(Cont.)
Notes: 1. The LR2126 output must be diode-clamped to ground. If used in a dual-supply system where the regulator
load is returned to a negative supply.
2. Between the VIN and VOUT terminals the output PMOS structure contains a diode. This diode is reverse
biased normally. If the voltage at the output terminal is forced to be higher than the voltage at the input terminal
this diode will get forward biased. This diode can withstand 1Amp of peak current and 200mA of DC current
typically.
3. Devices must be derated based on package thermal resistance at elevated temperatures.
4. Conditions for which the device is intended to be functional is indicated by operating ratings, but specific
performance limits isn’t be guaranteed. To make sure of specifications and test conditions, read Electrical
Characteristics. Only for the test conditions listed the guaranteed specifications can be applied. When the
device is not operated under the listed test conditions some performance characteristics may degrade.
5. Output voltage line regulation is the change in output voltage from the nominal value which is due to
change in the input line voltage. Which is defined as the change in output voltage from the nominal value
due to change in load current is output voltage load regulation. The load regulation and line regulation
specification include the typical number only. But, the limits for load and line regulation are included in the
output voltage tolerance specification.
6. At which the output drops 2% below the normal value dropout voltage is defined as the minimum input to
output differential voltage. Only to output voltages of 2.5V and above dropout voltage specification applies.
For output voltages below 2.5V, since the minimum input voltage is 2.5V, the drop-out voltage is nothing
but the input to output differential.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com