Electronic Components Datasheet Search
  English  ▼

X  

LR9200 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # LR9200
Description  LOW NOISE 200mA LDO REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR9200 Datasheet(HTML) 2 Page - Unisonic Technologies

  LR9200 Datasheet HTML 1Page - Unisonic Technologies LR9200 Datasheet HTML 2Page - Unisonic Technologies LR9200 Datasheet HTML 3Page - Unisonic Technologies LR9200 Datasheet HTML 4Page - Unisonic Technologies LR9200 Datasheet HTML 5Page - Unisonic Technologies LR9200 Datasheet HTML 6Page - Unisonic Technologies LR9200 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LR9200
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 7
www.unisonic.com.tw
QW-R502-955,A
MARKING
PACKAGE
VOLTAGE CODE
MARKING
SOT-89
12:1.2V
15:1.5V
16:1.6V
18:1.8V
20:2.0V
25:2.5V
2J:2.85V
30:3.0V
33:3.3V
50:5.0V
SOT-25
3
2
1
5
4
R0XX
Voltage Code
L: Lead Free
G: Halogen Free
PIN CONFIGURATION
SOT-89
SOT-25
PIN CODE: C
PIN DESCRIPTIONS
PIN NAME
DESCRIPTION
VIN
Input Pin
GND
Ground Pin
CE
Chip Enable Pin. Active when this Pin is high.
NC
No Connection
VOUT
Output Pin
BLOCK DIAGRAM
+
-
Current Limit
Reference
Voltage
GND
VOUT
CE
VIN



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com