Electronic Components Datasheet Search
  English  ▼

X  

E10GSFPSR Datasheet(PDF) 4 Page - Intel Corporation

Part # E10GSFPSR
Description  Dual- and Single-Port 10 Gigabit SFP Ethernet Converged Network Adapters Provide Ultimate Flexibility and Scalability in Virtual and Unified Storage Environments
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E10GSFPSR Datasheet(HTML) 4 Page - Intel Corporation

  E10GSFPSR Datasheet HTML 1Page - Intel Corporation E10GSFPSR Datasheet HTML 2Page - Intel Corporation E10GSFPSR Datasheet HTML 3Page - Intel Corporation E10GSFPSR Datasheet HTML 4Page - Intel Corporation E10GSFPSR Datasheet HTML 5Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Specifications
General
Connectors
One or two LC fiber-optic connectors
SFP+ Direct Attach cables (E10G42BTDA)
Network Standards
Physical Layer Interface
IEEE 802.3:
10GBASE-SR (E10G41BFSR, E10G42BFSR)
10GBASE-LR (E10G41BFLR)
SFF-8431:
10GSFP+Cu (a.k.a. Direct Attach)
(E10G42BTDA)
Adapter Product Features
Intel® PROSet Utility
For easy configuration and management
Plug and play specification
support
Standard
Receive Side Scaling
Multiple Rx queues enable the efficient
distribution of network receive processing
across multiple CPUs in multiprocessor
systems
Direct Cache Access (DCA)
The I/O device activates a pre-fetch en-
gine in the CPU that loads the data into
the CPU cache ahead of time, before use,
eliminating cache misses and reducing
CPU load
Advanced Software Features
Adapter fault tolerance (AFT)
Switch fault tolerance (SFT)
Adaptive load balancing (ALB)
Teaming support
IEEE 802.3ad (link aggregation control protocol)
PCIe Hot Plug*/Active peripheral component interconnect (PCI)
IEEE 802.1Q* VLANs
IEEE 802.3 2005* flow control support
Tx/Rx IP, TCP, & UDP checksum offloading (IPv4, IPv6) capabilities
(Transmission control protocol (TCP), user datagram protocol (UDP),
Internet protocol (IP)
IEEE 802.1p*
TCP segmentation/large send offload
MSI-X supports Multiple Independent Queues
Interrupt moderation
IPv6 offloading — Checksum and segmentation capability extended to
new standard packet type
Technical Features
Data rate supported per port: • Optical: 1 GbE/10 GbE
• Direct Attach: 10 GbE
Bus type
PCI Express 2.0 (5 GT/s)
Bus width
4-lane PCI Express and 8-lane PCI Express
Interrupt levels
INTA, MSI, MSI-X
Hardware certifications
FCC B, UL, CE, VCCI, BSMI, CTICK, KCC
Controller-processor
I
ntel® 82599 Ethernet Controller
Power Consumption
SKU
Dual-port 10GBASE-SR/1000BASE-SX
Dual-port 10GBASE-LR/1000BASE-LX
Dual-port direct attached twinax
Single-port 10GBASE-SR/1000BASE-SX
Single-port 10GBASE-LR/1000BASE-LX
Single-port direct attached twinax
Maximum Power
6.8 W
7.0 W
6.2 W
4.8 W
4.8 W
4.6 W
Typical Power
6.5 W
6.6 W
5.8 W
4.5 W
4.5 W
4.3 W
Operating temperature
0 °C to 55 °C (32 °F to 131 °F)
Air Flow
Minimum of 100 LFM required
Storage temperature
-40 °C to 70 °C (-40 °F to 158 °F)
Storage humidity
Maximum: 90% non-condensing relative hu-
midity at 35 °C
LED Indicators
LINK (solid) and ACTIVITY (blinking)
LINK SPEED (green=10 Gbps; yellow=1 Gbps)
Physical Dimensions
Low-profile PCIe
5.73 in. long, measured without PCIe bracket
Operating System
IA32
X64
IPF
Windows 7
•
•
N/A
Windows Server 2008 R2
N/A
•
•
Windows Server 2008 R2 Core
N/A
•
•
Linux SLES 11 SP1
•
•
•
Windows Vista* SP2
•
•
N/A
Windows Server* 2003 SP2
•
•
•
Windows Server 2008 SP2
•
•
•
Windows Server 2008 SP2 Core
•
•
N/A
Linux* Stable Kernel version 2.6
•
•
•
Linux RHEL 4.8
•
•
N/A
Linux RHEL 5.5
•
•
•
Linux SLES 10 SP3
•
•
•
Linux SLES 11
•
•
•
FreeBSD* 8.0
•
•
•
EFI* 1.1
N/A
N/A
•
UEFI* 2.1
N/A
•
•
Network Operating Systems (NOS) Software Support
Intel® Backing Information
Backed by an Intel limited lifetime warranty, 90-day money-back
guarantee (U.S. and Canada), and worldwide support.
4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com