Electronic Components Datasheet Search
  English  ▼

X  

MR2402F Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # MR2402F
Description  24A FAST RECOVERY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

MR2402F Datasheet(HTML) 1 Page - Digitron Semiconductors

  MR2402F Datasheet HTML 1Page - Digitron Semiconductors MR2402F Datasheet HTML 2Page - Digitron Semiconductors MR2402F Datasheet HTML 3Page - Digitron Semiconductors MR2402F Datasheet HTML 4Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
fax +1.908.245-0555
sales@digitroncorp.com
www.digitroncorp.com
Rev. 20121211
MR2400F-MR2406F
24A FAST RECOVERY RECTIFIER
MAXIMUM RATINGS
MR
Rating
Symbol
2400F
2401F
2402F
2404F
2406F
Unit
Peak repetitive reverse voltage
Working peak reverse voltage
DC blocking voltage
VRRM
VRWM
VR
50
100
200
400
600
V
Non-repetitive peak reverse voltage
VRSM
75
150
250
450
650
V
RMS reverse voltage
VR(RMS)
35
70
140
280
420
V
Average rectified forward current
(single phase, resistive load, TC = 125°C)
IO
24
A
Non repetitive peak surge current (@ rated load)
IFSM
300
A
Operating junction temperature range
TJ
-65 to +150
°C
Storage junction temperature range
Tstg
-65 to +175
°C
Thermal resistance, junction to case
R
ӨJC
0.8
°C/W
Thermal resistance, junction to air,
(PC board mount, perpendicular to surface)
R
ӨJA
55
°C/W
ELECTRICAL CHARACTERISTICS (@ 25°C unless otherwise noted)
Parameter
Symbol
Min
Typ
Max
Unit
Instantaneous forward voltage
(IF = 75A, TJ = 150°C)
VF
-
1.15
1.29
V
Forward voltage
(IF = 24A, TC = 25°C)
VF
-
1.00
1.15
V
Reverse current
(Rated dc voltage, TC = 25°C)
(Rated dc voltage, TC = 100°C)
(Rated dc voltage, TC = 150°C)
IR
-
-
-
10
0.5
7.0
25
1.0
10
µA
mA
mA
Reverse recovery time – soft recovery
(IF = 1.0A to VR = 30Vdc)
(IFM = 36A, di/dt = 25A/µs)
trr
-
-
150
200
200
300
ns
Reverse recovery current
(IF = 1.0A to VR = 30Vdc)
IRM(REC)
-
-
4.0
A


Similar Part No. - MR2402F

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
MR2402F NJSEMI-MR2402F Datasheet
123Kb / 2P
FAST RECOVERY POWER RECTIFIERS
logo
Micro Commercial Compon...
MR2402FR MCC-MR2402FR Datasheet
79Kb / 4P
24 Amp Fast Recovery Rectifiers 50-1000 Volt
logo
Shanghai Lunsure Electr...
MR2402FR CHENYI-MR2402FR Datasheet
118Kb / 3P
24Amp rectifier 50-1000 volts
logo
Digitron Semiconductors
MR2402FR DIGITRON-MR2402FR Datasheet
120Kb / 4P
24A FAST RECOVERY RECTIFIER
More results

Similar Description - MR2402F

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
FR101 CHENYI-FR101 Datasheet
163Kb / 2P
FAST RECOVERY RECTIFIER
FR301 CHENYI-FR301 Datasheet
122Kb / 2P
FAST RECOVERY RECTIFIER
logo
Mospec Semiconductor
FR101 MOSPEC-FR101 Datasheet
189Kb / 2P
FAST RECOVERY RECTIFIER
logo
Galaxy Semi-Conductor H...
FR101 BILIN-FR101 Datasheet
65Kb / 2P
FAST RECOVERY RECTIFIER
RGP10A BILIN-RGP10A Datasheet
63Kb / 2P
FAST RECOVERY RECTIFIER
PG101 BILIN-PG101 Datasheet
62Kb / 2P
FAST RECOVERY RECTIFIER
PR1001 BILIN-PR1001 Datasheet
54Kb / 2P
FAST RECOVERY RECTIFIER
3JH45 BILIN-3JH45 Datasheet
57Kb / 2P
FAST RECOVERY RECTIFIER
logo
Digitron Semiconductors
MR2400R DIGITRON-MR2400R Datasheet
159Kb / 1P
24A STANDARD RECOVERY RECTIFIER
MR2400FR DIGITRON-MR2400FR Datasheet
120Kb / 4P
24A FAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com