Electronic Components Datasheet Search
  English  ▼

X  

SMA6511 Datasheet(PDF) 2 Page - Sanken electric

Part # SMA6511
Description  PNP NPN Darlington
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SMA6511 Datasheet(HTML) 2 Page - Sanken electric

  SMA6511 Datasheet HTML 1Page - Sanken electric SMA6511 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
149
NPN
PNP
NPN
PNP
NPN
PNP
VCE(sat)-IB Characteristics (Typical)
VCE(sat)-IC Temperature Characteristics (Typical)
Safe Operating Area (SOA)
Characteristic curves
(Ta=25
°C)
NPN
PNP
Symbol
Specification
Unit
Conditions
Specification
Unit
Conditions
min
typ
max
min
typ
max
ICBO
10
µAVCB=85V
–10
µAVCB=–60V
IEBO
5mA
VEB=6V
–10
mA
VEB=–6V
VCEO
85
100
115
V
IC=10mA
–60
V
IC=–10mA
hFE
2000
VCE=4V, IC=1A
2000
VCE=–4V, IC=–1A
VCE(sat)
1.5
V
IC=1A, IB=2mA
–1.5
V
IC=–1A, IB=–2mA
SMA6511
0.1
IB (mA)
0
1
2
3
0.5
1
5
10
50 100
IC=2A
IC=1A
0.3
IC (A)
0.5
1
3
0
1
2
3
125°C
75
°C
25
°C
Ta=–30°C
(IC / IB=1000)
1.5
3
0.03
510
VCE (V)
1
0.5
0.1
0.05
50
100
200
Single Pulse
Without Heatsink
Ta=25
°C
PW (mS)
100
50
1000
500
510
5
1
10
20
1
20
15
10
5
0
–40
0
50
100
150
Ta (
°C)
Without Heatsink
–0.1
IB (mA)
–5
–1
–0.5
0
–1
–3
–2
(IC=–1A)
–0.2
0
–1
–2
–0.5
–1
–3
–3
125°C
Ta=
–30°
C
75
°C
IC (A)
(IC / IB=1000)
25
°C
–5
–0.1
–0.5
–1
–10
–50
–100
–3
–5
–3
VCE (V)
Single Pulse
Without Heatsink
Ta=25
°C
PW (mS)
0.5
100
1000
500
50
10
5
1
5
0.5
1
10
20
0.2
Electrical characteristics
PT-Ta Characteristics
θ j-a-PW Characteristics
PNP
NPN



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com