Electronic Components Datasheet Search
  English  ▼

X  

L6235PD013TR Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6235PD013TR
Description  DMOS driver for 3-phase brushless DC motor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6235PD013TR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6235PD013TR Datasheet HTML 10Page - STMicroelectronics L6235PD013TR Datasheet HTML 11Page - STMicroelectronics L6235PD013TR Datasheet HTML 12Page - STMicroelectronics L6235PD013TR Datasheet HTML 13Page - STMicroelectronics L6235PD013TR Datasheet HTML 14Page - STMicroelectronics L6235PD013TR Datasheet HTML 15Page - STMicroelectronics L6235PD013TR Datasheet HTML 16Page - STMicroelectronics L6235PD013TR Datasheet HTML 17Page - STMicroelectronics L6235PD013TR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
PWM current control
L6235
14/35
DocID7618 Rev 2
Figure 10. Output current regulation waveforms
Figure 11 shows the magnitude of the off time tOFF versus COFF and ROFF values. It can be
approximately calculated from the equations:
Equation 1
tRCFALL = 0.6 · ROFF · COFF
tOFF = tRCFALL + tDT = 0.6 · ROFF · COFF + tDT
where ROFF and COFF are the external component values and tDT is the internally generated
deadtime with:
Equation 2
20 K
  ROFF  100 K
0.47 nF
 COFF  100 nF
tDT = 1 µs (typical value)
Therefore:
Equation 3
tOFF(MIN) = 6.6 µs
tOFF(MAX) = 6 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com