Electronic Components Datasheet Search
  English  ▼

X  

TFC563D Datasheet(PDF) 1 Page - Sanken electric

Part # TFC563D
Description  Thyristors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

TFC563D Datasheet(HTML) 1 Page - Sanken electric

  TFC563D Datasheet HTML 1Page - Sanken electric TFC563D Datasheet HTML 2Page - Sanken electric TFC563D Datasheet HTML 3Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
176
Thyristors
3-1 Thyristors
TFC563D
600
500
1500
5.0
0.5
5.0
2.0
450
–40 to +125
1.0
125
1.4
25
10
Part Number
Absolute Maximum Ratings
VDRM
(V)
ITRM*1
(A)
di/dt*1
(A/µs)
PGM
(W)
PG (AV)
(W)
VRGM
(V)
IFGM*2
(A)
Tj
(°C)
Tstg
(°C)
IDRM
(mA)
max
Conditions
Tj
(°C)
VTM
(V)
max
Conditions
Tc
(°C)
ITM
(A)
IFRM
(A)
Thyristors
3-Pin Reverse Conducting Thyristors for HID Lamp Ignition
Part Number
Absolute Maximum Ratings
VRSM
VDSM
(V)
VRRM
VDRM
(V)
IT (AV)
(A)
Conditions
Tc
(
°C)
IT (RMS)
(50Hz)
(A)
PGM
(W)
PG (AV)
(W)
VRGM
(V)
IFGM
(A)
Tj
(
°C)
Tstg
(
°C)
IRRM
IDRM
(mA)
max
Conditions
Tj
(
°C)
TF541S-A
500
400
5.0
88
7.8
80
5.0
0.5
5.0
2.0
–40 to +125
2.0
125
SLA0201
650
600
5
× 47.8
80
5.0
0.5
5.0
2.0
–40 to +125
2.0
125
TF561S-A
700
600
5.0
88
7.8
80
5.0
0.5
5.0
2.0
–40 to +125
2.0
125
ITSM
50Hz Single
Half Sine
Wave, Default
Tj=125
°C (A)
TFA37S
TFA57S
TFA87S
TFA107S
–
–
–
–
700
700
700
700
3.0
5.0
8.0
10
127
115
98
86
60
80
120
160
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
2.0
2.0
2.0
2.0
2.0
2.0
2.0
2.0
150
150
150
150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
0.5
0.5
0.5
0.5
TFA38S
TFA58S
TFA88S
TFA108S
–
–
–
–
800
800
800
800
3.0
5.0
8.0
10
50
50
50
50
4.7
7.8
12.6
15.7
4.7
7.8
12.6
15.7
60
80
120
160
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
2.0
2.0
2.0
2.0
2.0
2.0
2.0
2.0
150
150
150
150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
0.5
0.5
0.5
0.5
*1: TC≤100°C, VD≤430V, Wp≤1.0µs, IG≥70mA, dig/dt≥0.5A/µs, 100kcycles
*2: TC≤100°C, VD≤430V, Wp≤1.0µs, 100kcycles


Similar Part No. - TFC563D

ManufacturerPart #DatasheetDescription
logo
Sanken electric
TFC563D SANKEN-TFC563D Datasheet
75Kb / 3P
Thyristors
More results

Similar Description - TFC563D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT151X PHILIPS-BT151X Datasheet
46Kb / 11P
Thyristors
Rev. 04-9 June 2004
BT152B PHILIPS-BT152B Datasheet
48Kb / 6P
Thyristors
September 1997 Rev 1.100
logo
List of Unclassifed Man...
HBT169M ETC-HBT169M Datasheet
49Kb / 4P
THYRISTORS
logo
NXP Semiconductors
BT151UC PHILIPS-BT151UC Datasheet
43Kb / 6P
Thyristors
April 2004-Rev 1.000
logo
STMicroelectronics
TYN054 STMICROELECTRONICS-TYN054 Datasheet
105Kb / 4P
THYRISTORS
Feb-1989
logo
Inchange Semiconductor ...
MCR100-6 ISC-MCR100-6 Datasheet
42Kb / 1P
Thyristors
BT151-600 ISC-BT151-600 Datasheet
54Kb / 1P
Thyristors
logo
Comset Semiconductor
BT151 COMSET-BT151 Datasheet
172Kb / 3P
THYRISTORS
BT152 COMSET-BT152 Datasheet
172Kb / 3P
THYRISTORS
logo
Sanken electric
TF561S-A SANKEN-TF561S-A Datasheet
75Kb / 3P
Thyristors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com