Electronic Components Datasheet Search
  English  ▼

X  

TMA34S-L Datasheet(PDF) 2 Page - Sanken electric

Part # TMA34S-L
Description  Triac (Bidirectional Triode Thyristor)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

TMA34S-L Datasheet(HTML) 2 Page - Sanken electric

  TMA34S-L Datasheet HTML 1Page - Sanken electric TMA34S-L Datasheet HTML 2Page - Sanken electric TMA34S-L Datasheet HTML 3Page - Sanken electric TMA34S-L Datasheet HTML 4Page - Sanken electric TMA34S-L Datasheet HTML 5Page - Sanken electric TMA34S-L Datasheet HTML 6Page - Sanken electric TMA34S-L Datasheet HTML 7Page - Sanken electric TMA34S-L Datasheet HTML 8Page - Sanken electric TMA34S-L Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Triac (Bidirectional Triode Thyristor)
TMA3x
Series
2
Absolute Maximum Ratings
Characteristic
Symbol
Notes
Rating
Units
Peak Repetitive Off-State Voltage
VDRM
TMA34x
RGREF =
∞
400
V
TMA36x
600
V
Peak Non-Repetitive Off-State Voltage
VDSM
TMA34x
RGREF =
∞
500
V
TMA36x
700
V
Isolation Voltage
VISO
AC RMS applied for 1 minute between lead and case
1800
V
RMS On-State Current
IT(RMS)
50/60 Hz full cycle sine wave,
total Conduction angle (
α+) + (α–) = 360°,
TC = 109°C
3A
Surge On-State Current
ITSM
f = 60 Hz
Full cycle sine wave, peak value, non-repetitive,
initial TJ = 125°C
32
A
f = 50 Hz
30
A
I2t Value for Fusing
I2t
Value for 50 Hz half cycle sine wave, 1 cycle, ITSM = 30 A
4.5
A2• s
Peak Gate Current
IGM
f
≥ 50 Hz, duty cycle ≤ 10%
0.5
A
Peak Gate Power Dissipation
PGM
f
≥ 50 Hz, duty cycle ≤ 10%
3
W
Average Gate Power Dissipation
PGM(AV)
TJ < TJ(max)
0.3
W
Junction Temperature
TJ
–40 to 125
ºC
Storage Temperature
Tstg
–40 to 125
ºC
T1
T2
G
Terminal List Table
Number
Name
Function
1
T1
Main terminal, gate referenced
2
T2
Main terminal connect to signal side
3
G
Gate control
Pin-out Diagram
Thermal Characteristics May require derating at maximum conditions
Characteristic
Symbol
Test Conditions
Value
Units
Package Thermal Resistance
(Junction to Case)
RθJC
For AC
4.5
ºC/W
All performance characteristics given are typical values for circuit or
system baseline design only and are at the nominal operating voltage and
an ambient temperature, TA, of 25°C, unless otherwise stated.
12 3
Selection Guide
Part Number
VDRM
(V)
UL-Recognized
Component
Package
Packing
TMA34(I)
400
Yes
3-pin fully molded SIP with
heatsink mount
50 pieces per tube
TMA34S-L
400
–
TMA36(I)
600
Yes
TMA36S-L
600
–
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com