Electronic Components Datasheet Search
  English  ▼

X  

ML9213 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # ML9213
Description  56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver with Anode Digital Dimming
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML9213 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button ML9213 Datasheet HTML 11Page - List of Unclassifed Manufacturers ML9213 Datasheet HTML 12Page - List of Unclassifed Manufacturers ML9213 Datasheet HTML 13Page - List of Unclassifed Manufacturers ML9213 Datasheet HTML 14Page - List of Unclassifed Manufacturers ML9213 Datasheet HTML 15Page - List of Unclassifed Manufacturers ML9213 Datasheet HTML 16Page - List of Unclassifed Manufacturers ML9213 Datasheet HTML 17Page - List of Unclassifed Manufacturers ML9213 Datasheet HTML 18Page - List of Unclassifed Manufacturers ML9213 Datasheet HTML 19Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
FEDL9213-01
1Semiconductor
ML9213
17/19
PACKAGE DIMENSIONS
Notes for Mounting the Surface Mount Type Package
The surface mount type packages are very susceptible to heat in reflow mounting and humidity
absorbed in storage.
Therefore, before you perform reflow mounting, contact Oki’s responsible sales person for the product
name, package name, pin number, package code and desired mounting conditions (reflow method,
temperature and times).
QFP80-P-1420-0.80-BK
Mirror finish
Package material
Epoxy resin
Lead frame material
42 alloy
Pin treatment
Solder plating (
≥5µm)
Package weight (g)
1.27 TYP.
5
Rev. No./Last Revised
4/Nov. 28, 1996
(Unit: mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com